Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58024UMGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY58024UMGTR
Description  ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58024UMGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY58024UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58024UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58024UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58024UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58024UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58024UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58024UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58024UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY58024UMGTR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Precision Edge®
SY58024U
Micrel, Inc.
M9999-082807
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
/IN
IN
/Q
Q
tpd
tpd
VOUT = 400mV (typ.)
(50Ω load)
VOUT = 400mV (typ.)
(50Ω load)
Figure 2a. AC Timing Diagram IN-to-Q
SEL
/Q
Q
tpd
tpd
VCC/2
VCC/2
IN0, /IN1 = LOW, /IN0, IN1 = HIGH
VOUT = 400mV (typ.)
(50Ω load)
Figure 2b. AC Timing Diagram SEL-to-Q
VDIFF_IN,
VDIFF_OUT (Typ. 800mV)
Figure 1b. Differential Voltage Swing
VIN,
VOUT
Typ. 400mV
Figure 1a. Single-Ended Voltage Swing
SINGLE-ENDED AND DIFFERENTIAL SWINGS


Similar Part No. - SY58024UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58024UMGTR MICREL-SY58024UMGTR Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
More results

Similar Description - SY58024UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58024U MICREL-SY58024U_07 Datasheet
128Kb / 11P
   ULTRA-LOW JITTER DUAL 2 횞 2 CROSSPOINT SWITCH w/ CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58023U MICREL-SY58023U Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
SY58023U MICREL-SY58023U_07 Datasheet
122Kb / 10P
   ULTRA-LOW JITTER 2 횞 2 CROSSPOINT SWITCH w/CML OUTPUTS AND INTERNAL I/O TERMINATION
logo
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202_14 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
Texas Instruments
SN65LVCP202 TI1-SN65LVCP202 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2 횞 2 CROSSPOINT SWITCH
logo
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
logo
ON Semiconductor
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com