Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58020UMG Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58020UMG
Description  6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58020UMG Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58020UMG Datasheet HTML 1Page - Micrel Semiconductor SY58020UMG Datasheet HTML 2Page - Micrel Semiconductor SY58020UMG Datasheet HTML 3Page - Micrel Semiconductor SY58020UMG Datasheet HTML 4Page - Micrel Semiconductor SY58020UMG Datasheet HTML 5Page - Micrel Semiconductor SY58020UMG Datasheet HTML 6Page - Micrel Semiconductor SY58020UMG Datasheet HTML 7Page - Micrel Semiconductor SY58020UMG Datasheet HTML 8Page - Micrel Semiconductor SY58020UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Precision Edge®
SY58020U
Micrel, Inc.
M9999-102811
hbwhelp@micrel.com or (408) 955-1690
TIMING DIAGRAM
SINGLE-ENDED AND DIFFERENTIAL SWINGS
VIN,
VOUT 400mV
Figure 1a. Single-Ended Voltage Swing
VDIFF_IN,
VDIFF_OUT 800mV
Figure 1b. Differential Voltage Swing
/IN
IN
/Q
Q
tpd


Similar Part No. - SY58020UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58020UMG MICREL-SY58020UMG Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020UMG MICREL-SY58020UMG Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020UMGTR MICREL-SY58020UMGTR Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020UMGTR MICREL-SY58020UMGTR Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
More results

Similar Description - SY58020UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58020U MICREL-SY58020U_14 Datasheet
567Kb / 12P
   6GHz, 1:4 CML Fanout Buffer/Translator with Internal I/O Termination
SY58020U MICREL-SY58020U Datasheet
120Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58020U MICREL-SY58020U_07 Datasheet
131Kb / 9P
   6GHz, 1:4 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U_08 Datasheet
195Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58011U MICREL-SY58011U Datasheet
200Kb / 9P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR WITH INTERNAL I/O TERMINATION
SY58034U MICREL-SY58034U Datasheet
534Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58034U_0708 MICREL-SY58034U_0708 Datasheet
125Kb / 11P
   6GHz, 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com