Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58027UMI Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58027UMI
Description  ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58027UMI Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58027UMI Datasheet HTML 1Page - Micrel Semiconductor SY58027UMI Datasheet HTML 2Page - Micrel Semiconductor SY58027UMI Datasheet HTML 3Page - Micrel Semiconductor SY58027UMI Datasheet HTML 4Page - Micrel Semiconductor SY58027UMI Datasheet HTML 5Page - Micrel Semiconductor SY58027UMI Datasheet HTML 6Page - Micrel Semiconductor SY58027UMI Datasheet HTML 7Page - Micrel Semiconductor SY58027UMI Datasheet HTML 8Page - Micrel Semiconductor SY58027UMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Precision Edge®
SY58027U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Two independent differential 2:1 multiplexers
Guaranteed AC performance over temperature and
voltage:
• DC-to >10.7Gbps data rate throughput
• < 290ps IN-to-Out tpd
• < 80ps tr /tf
Unique, patent-pending input isolation design
minimizes crosstalk
Ultra-low jitter design:
• <1psRMS random jitter
• <10psPP deterministic jitter
• <10psPP total jitter (clock)
• <0.7psRMS crosstalk-induced jitter
Unique, patent-pending 50ý input termination and
VT pin accepts DC-coupled and AC-coupled inputs
(CML, LVDS, PECL)
400mV LVPECL output swing
Power supply 2.5V ±5% or 3.3V ±10%
–40°C to +85°C temperature range
Available in 32-pin (5mm
∞ 5mm) MLF® package
FEATURES
ULTRA PRECISION DUAL 2:1
400mV LVPECL MUX WITH
INTERNAL TERMINATION
Precision Edge®
SY58027U
APPLICATIONS
Data communication systems
All SONET OC3-OC768 applications
All Fibre Channel applications
All GigE applications
Rev.: D
Amendment: /0
Issue Date:
August 2007
The SY58027U features two ultra-fast, low jitter 2:1
differential muxes with a guaranteed maximum data
throughput of 10.7Gbps.
The SY58027U differential inputs include a unique
internal termination design that allows access to the
termination network through a VT pin. The device easily
interfaces to different logic standards, both AC- and DC-
coupled, without external resistor-bias and termination
networks. The result is a clean, stub-free, low jitter interface
solution. The differential 400mV LVPECL outputs have
extremely fast rise/fall times guaranteed to be less than
80ps.
The SY58027U operates from a 2.5V or 3.3V supply and
is guaranteed over the full industrial temperature range
(–40°C to +85°C). The SY58027U is part of Micrel’s Precision
Edge® product family.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
Precision Edge®
QA
/QA
INA0
/INA0
VTA0
50
50
INA1
VREF-ACA0
/INA1
VTA1
50
50
VREF-ACA1
0
1
MUX A
SELA
(TTL/CMOS)
S
QB
/QB
INB0
/INB0
VTB0
50
50
INB1
VREF-ACB0
/INB1
VTB1
50
50
VREF-ACB1
0
1
MUX B
SELB
(TTL/CMOS)
S
AnyGate and Precision Edge are registered trademarks of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.


Similar Part No. - SY58027UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58027UMI MICREL-SY58027UMI Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027UMITR MICREL-SY58027UMITR Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
More results

Similar Description - SY58027UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com