Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58027UMI Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY58027UMI
Description  ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58027UMI Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY58027UMI Datasheet HTML 2Page - Micrel Semiconductor SY58027UMI Datasheet HTML 3Page - Micrel Semiconductor SY58027UMI Datasheet HTML 4Page - Micrel Semiconductor SY58027UMI Datasheet HTML 5Page - Micrel Semiconductor SY58027UMI Datasheet HTML 6Page - Micrel Semiconductor SY58027UMI Datasheet HTML 7Page - Micrel Semiconductor SY58027UMI Datasheet HTML 8Page - Micrel Semiconductor SY58027UMI Datasheet HTML 9Page - Micrel Semiconductor SY58027UMI Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Precision Edge®
SY58027U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
TYPICAL OPERATING CHARACTERISTICS
200MHz Output
TIME (600ps/div.)
T
A = 25°C
V
CC = 3.3V
2GHz Output
TIME (70ps/div.)
T
A = 25°C
V
CC = 3.3V
/Q
Q
2.5Gbps Output
TIME (100ps/div.)
T
A = 25°C
V
CC = 3.3V
3.2Gbps Output
TIME (100ps/div.)
T
A = 25°C
V
CC = 3.3V
150
160
170
180
190
200
210
220
230
-50
-25
0
25
50
75
100
TEMPERATURE (
°C)
Propagation Delay
vs. Temperature
PECL (800mV)
CML (200mV)
SEL (1.6V)
LVDS (400mV)
HSTL (1000mV)
0
50
100
150
200
250
300
350
400
450
500
FREQUENCY (MHz)
Frequency
vs. Output Swing
VCC = 3.3V, TA = 25°C, RL = 50ý to VCC – 2V, DC coupled, unless otherwise stated.
5Gbps Output
TIME (50ps/div.)
/Q
Q
T
A = 25°C
V
CC = 3.3V


Similar Part No. - SY58027UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58027UMI MICREL-SY58027UMI Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58027UMITR MICREL-SY58027UMITR Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
More results

Similar Description - SY58027UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58027U MICREL-SY58027U Datasheet
164Kb / 10P
   ULTRA PRECISION DUAL 2:1 400mV LVPECL MUX WITH INTERNAL TERMINATION
SY58019U MICREL-SY58019U_07 Datasheet
326Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U MICREL-SY58019U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58019U_0709 MICREL-SY58019U_0709 Datasheet
230Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58039U MICREL-SY58039U Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58030U MICREL-SY58030U Datasheet
231Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT and INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com