Electronic Components Datasheet Search |
|
SY58034UMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
SY58034UMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor |
5 / 11 page 5 Precision Edge® SY58034U Micrel, Inc. M9999-082707 hbwhelp@micrel.com or (408) 955-1690 VCC = 2.5V ±5% or 3.3V ±10%; TA= –40°C to 85°C, RL= 100ý across each output pair, or equivalent, unless otherwise stated. Symbol Parameter Condition Min Typ Max Units fMAX Maximum Operating Frequency Clock VOUT ž 200mV 6 7.5 GHz tpd Differential Propagation Delay (IN0 or IN1-to-Q) 140 220 290 ps (SEL-to-Q) 100 200 400 ps ∆t pd Tempco Differential Propagation Delay 65 fs/°C Temperature Coefficient tSKEW Output-to-Output Note 8 20 ps Part-to-Part Note 9 100 ps tJITTER Clock Cycle-to-Cycle Jitter Note 10 1psRMS Random Jitter (RJ) Note 11 1psRMS Total Jitter (TJ) Note 12 10 psPP Adjacent Channel Note 13 Crosstalk-Induced Jitter 0.7 psRMS tr, tf Output Rise/Fall Time Full swing, 20% to 80% 20 60 ps Notes: 7. High frequency AC electricals are guaranteed by design and characterization. 8. Output-to-output skew is measured between outputs under identical transitions. 9. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the respective inputs. 10. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn–Tn–1 where T is the time between rising edges of the output signal. 11. Random jitter is measured with a K28.7 pattern, measured at 2.5Gbps. 12. Total jitter definition: with an ideal clock input of frequency - fMAX, no more than one output edge in 10 12 output edges will deviate by more than the specified peak-to-peak jitter value. 13. Crosstalk is measured at the output while applying two similar clock frequencies that are asynchronous with respect to each other at the inputs. AC ELECTRICAL CHARACTERISTICS(7) SINGLE-ENDED AND DIFFERENTIAL SWINGS VIN, VOUT 400mV (Typ.) Figure 1a. Single-Ended Voltage Swing VDIFF_IN, VDIFF_OUT 800mV (Typ.) Figure 1b. Differential Voltage Swing |
Similar Part No. - SY58034UMGTR |
|
Similar Description - SY58034UMGTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |