Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58039UMI Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58039UMI
Description  ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58039UMI Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58039UMI Datasheet HTML 1Page - Micrel Semiconductor SY58039UMI Datasheet HTML 2Page - Micrel Semiconductor SY58039UMI Datasheet HTML 3Page - Micrel Semiconductor SY58039UMI Datasheet HTML 4Page - Micrel Semiconductor SY58039UMI Datasheet HTML 5Page - Micrel Semiconductor SY58039UMI Datasheet HTML 6Page - Micrel Semiconductor SY58039UMI Datasheet HTML 7Page - Micrel Semiconductor SY58039UMI Datasheet HTML 8Page - Micrel Semiconductor SY58039UMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Precision Edge™
SY58039U
Micrel
M9999-102711
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Part Number
Type
Range
Marking
SY58039UMI
QFN-44
Industrial
SY58039U
SY58039UMITR(2)
QFN-44
Industrial
SY58039U
Notes:
1. Contact factory for die availability. Die are guaranteed at TA = 25°C,
DC electricals only.
All devices are Pb-Free.
2. Tape and Reel.
Pin Number
Pin Name
Pin Function
20, 18
IN0, /IN0,
Differential Inputs: These input pairs are the differential signal inputs to the device. Inputs
16, 14
IN1, /IN1,
accept AC- or DC-coupled signals as small as 100mV. Each pin of a pair internally terminates to
13, 11
IN2, /IN2,
a VT pin through 50ohms. Note that these inputs will default to an indeterminate state if left
9, 7
IN3, /IN3,
open. Please refer to the “Input Interface Applications” section for more details.
5, 3
IN4, /IN4,
1, 43
IN5,/IN5,
42, 40
IN6, /IN6,
38, 36
IN7, /IN7
19, 15
VT0, VT1
Input Termination Center-Tap: Each side of the differential input pair terminates to a VT pin.
12, 8
VT2, VT3,
The VT pins provide a center-tap to a termination network for maximum interface flexibility.
4, 44
VT4, VT5,
See “Input Interface Applications” section for more details. For a CML or LVDS inputs, the VT
41, 37
VT6, VT7
pin is left floating.
17
VREF-AC0,
Reference Voltage: This output biases to VCC–1.2V. It is used when AC coupling the inputs
10
VREFAC1,
(IN, /IN). For AC-coupled applications, connect VREF_AC to the VT pin and bypass with a
2
VREFAC2,
0.01μF low ESR capacitor to VCC. See “Input Interface Applications” section for more details.
39
VREF-AC3
21
SEL0,
The single-ended TTL/CMOS-compatible inputs select the inputs to the multiplexer. Note that
22
SEL1,
this input is internally connected to a 25kohms pull-up resistor and will default to a logic HIGH
35
SEL2
state if left open.
24, 27, 29, 32
VCC
Positive Power Supply. Bypass with 0.1μF
//0.01μF low ESR capacitors as close to each VCC
pin.
25, 26,
Q0,/Q0,
Differential Outputs: These 400mV LVPECL output pairs are the outputs of the device. Each
30, 31
Q1,/Q1
output is designed to drive 400mV into 50ý terminated VCC–2V (or VCC–1.2V if AC-coupled).
Unused output pairs may be left open.
23, 28, 33
GND,
Ground. GND and exposed pad must both be connected to the most negative potential of chip
Exposed Pad
ground.
PIN DESCRIPTION
1
2
3
4
5
6
7
8
33
32
31
30
29
28
27
26
12 13 14 15 16 17 18 19
44 43 42 41 40 39 38 37
IN5
VREF-AC2
/IN4
VT4
IN4
NC
/IN3
VT3
GND
VCC
/Q1
Q1
VCC
GND
VCC
/Q0
9
10
11
25
24
23
20 2122
35
IN3
VREF-AC1
/IN2
Q0
VCC
GND
36
34
44-Pin QFN (QFN-44)


Similar Part No. - SY58039UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58039UMI MICREL-SY58039UMI Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58039UMITR MICREL-SY58039UMITR Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
More results

Similar Description - SY58039UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_11 Datasheet
275Kb / 13P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58037U MICREL-SY58037U Datasheet
172Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com