Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58039UMI Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58039UMI
Description  ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58039UMI Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58039UMI Datasheet HTML 1Page - Micrel Semiconductor SY58039UMI Datasheet HTML 2Page - Micrel Semiconductor SY58039UMI Datasheet HTML 3Page - Micrel Semiconductor SY58039UMI Datasheet HTML 4Page - Micrel Semiconductor SY58039UMI Datasheet HTML 5Page - Micrel Semiconductor SY58039UMI Datasheet HTML 6Page - Micrel Semiconductor SY58039UMI Datasheet HTML 7Page - Micrel Semiconductor SY58039UMI Datasheet HTML 8Page - Micrel Semiconductor SY58039UMI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Precision Edge™
SY58039U
Micrel
M9999-102711
hbwhelp@micrel.com or (408) 955-1690
VCC = 2.5V ±5% or 3.3V ±10%; TA= –40°C to +85°C; RL = 50ohms to VCC–2V, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
VCC–1.145
VCC–0.895
V
Q, /Q
VOL
Output LOW Voltage
VCC–1.545
VCC–1.295
V
Q, /Q
VOUT
Output Differential Swing
See Figure 1a.
150
400
mV
Q, /Q
VDIFF_OUT
Differential Output Voltage Swing
See Figure 1b.
300
800
mV
Q, /Q
LVPECL OUTPUT DC ELECTRICAL CHARACTERISTICS(7)
VCC = 2.5V ±5% or 3.3V ±10%; TA= –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
–125
30
μA
IIL
Input LOW Current
–300
μA
Note:
7. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
LVTTL/CMOS DC ELECTRICAL CHARACTERISTICS(7)


Similar Part No. - SY58039UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58039UMI MICREL-SY58039UMI Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
SY58039UMITR MICREL-SY58039UMITR Datasheet
183Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 400mV LVPECL FANOUT BUFFER
More results

Similar Description - SY58039UMI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58038U MICREL-SY58038U_11 Datasheet
275Kb / 13P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58018U MICREL-SY58018U Datasheet
118Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58018U MICREL-SY58018U_07 Datasheet
225Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58038U MICREL-SY58038U_15 Datasheet
1Mb / 14P
   Ultra-Precision, 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY58038U MICREL-SY58038U_07 Datasheet
237Kb / 12P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER
SY58037U MICREL-SY58037U Datasheet
172Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com