Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58604UMG Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58604UMG
Description  3.2Gbps Precision, LVPECL Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58604UMG Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58604UMG Datasheet HTML 1Page - Micrel Semiconductor SY58604UMG Datasheet HTML 2Page - Micrel Semiconductor SY58604UMG Datasheet HTML 3Page - Micrel Semiconductor SY58604UMG Datasheet HTML 4Page - Micrel Semiconductor SY58604UMG Datasheet HTML 5Page - Micrel Semiconductor SY58604UMG Datasheet HTML 6Page - Micrel Semiconductor SY58604UMG Datasheet HTML 7Page - Micrel Semiconductor SY58604UMG Datasheet HTML 8Page - Micrel Semiconductor SY58604UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
SY58604U
September 2011
4
M9999-092911-D
hbwhelp@micrel.com or (408) 955-1690
LVPECL Outputs DC Electrical Characteristics
(5)
VCC = +2.5V ±5% or +3.3V ±10%, RL = 50Ω to VCC-2V; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
VCC-1.145
VCC -0.895
V
VOL
Output LOW Voltage
VCC-1.945
VCC-1.695
V
VOUT
Output Voltage Swing
See Figure 3a
550
800
950
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 3b
1100
1600
mV


Similar Part No. - SY58604UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58604UMG MICREL-SY58604UMG Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604UMG MICREL-SY58604UMG Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58604UMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621L MICREL-SY58621L_10 Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U_10 Datasheet
625Kb / 12P
   3.2Gbps Precision, LVDS Buffer with
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58621L MICREL-SY58621L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY89221U_0708 MICREL-SY89221U_0708 Datasheet
834Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com