Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58606UMGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY58606UMGTR
Description  4.25Gbps Precision, 1:2 CML Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58606UMGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY58606UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58606UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
SY58606U
November 2011
4
M9999-110411-D
hbwhelp@micrel.com or (408) 955-1690
CML Outputs DC Electrical Characteristics
(7)
VCC = +2.5V ±5% or +3.3V ±10%, RL = 100Ω across the outputs; TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
RL = 50Ω to VCC
VCC-0.020
VCC-0.010
VCC
V
VOUT
Output Voltage Swing
See Figure 3a
325
400
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 3b
650
800
mV
ROUT
Output Source Impedance
45
50
55
Note:
7. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.


Similar Part No. - SY58606UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58606UMGTR MICREL-SY58606UMGTR Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606UMGTR MICREL-SY58606UMGTR Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606UMGTR MICREL-SY58606UMGTR Datasheet
681Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58606UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58606U MICREL-SY58606U_09 Datasheet
581Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U_14 Datasheet
681Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58606U MICREL-SY58606U Datasheet
664Kb / 13P
   4.25Gbps Precision, 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input
SY58609U MICREL-SY58609U_10 Datasheet
759Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with
SY58620L MICREL-SY58620L_10 Datasheet
608Kb / 18P
   Precision 4.25Gbps CML Backplane
SY58011U MICREL-SY58011U_11 Datasheet
323Kb / 10P
   7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
logo
ON Semiconductor
NB6L11M ONSEMI-NB6L11M Datasheet
147Kb / 9P
   2.5V / 3.3V 1:2 Differential CML Fanout Buffer
December, 2006 ??Rev. 0
logo
Micrel Semiconductor
SY58037U MICREL-SY58037U_08 Datasheet
205Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
SY58037U MICREL-SY58037U Datasheet
172Kb / 11P
   ULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 CML FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com