Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58604U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY58604U
Description  3.2Gbps Precision, LVPECL Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58604U Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY58604U_11 Datasheet HTML 1Page - Micrel Semiconductor SY58604U_11 Datasheet HTML 2Page - Micrel Semiconductor SY58604U_11 Datasheet HTML 3Page - Micrel Semiconductor SY58604U_11 Datasheet HTML 4Page - Micrel Semiconductor SY58604U_11 Datasheet HTML 5Page - Micrel Semiconductor SY58604U_11 Datasheet HTML 6Page - Micrel Semiconductor SY58604U_11 Datasheet HTML 7Page - Micrel Semiconductor SY58604U_11 Datasheet HTML 8Page - Micrel Semiconductor SY58604U_11 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
SY58604U
September 2011
2
M9999-092911-D
hbwhelp@micrel.com
Ordering Information
(1)
Part Number
Package Type
Operating Range
Package Marking
SY58604UMG
DFN-8
Industrial
604 with Pb-Free
bar-line indicator
SY58604UMGTR
(2)
DFN-8
Industrial
604 with Pb-Free
bar-line indicator
Notes:
1.
Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2.
Tape and Reel.
Pin Configuration
8-Pin DFN
Pin Description
Pin Number
Pin Name
Pin Function
1, 4
IN, /IN
Differential Input: This input pair is the differential signal input to the device. Input
accepts DC-Coupled differential signals as small as 100mV (200mVpp). Each pin of
this pair internally terminates with 50Ω to the VT pin. If the input swing falls below a
certain threshold (typical 30mV), the Fail Safe Input (FSI) feature will guarantee a
stable output by latching the output to its last valid state. See “Input Interface
Applications” subsection for more details.
2
VT
Input Termination Center-Tap: Each input terminates to this pin. The VT pin
provides a center-tap for each input (IN, /IN) to a termination network for maximum
interface flexibility. See “Input Interface Applications” subsection.
3
VREF-AC
Reference Voltage: This output biases to VCC–1.2V. It is used for AC-coupling inputs
IN and /IN. Connect VREF-AC directly to the VT pin. Bypass with 0.01µF low ESR
capacitor to VCC. Maximum sink/source current is ±1.5mA. See “Input Interface
Applications” subsection for more details.
5
GND,
Exposed pad
Ground: Exposed pad must be connected to a ground plane that is the same
potential as the ground pin.
6, 7
/Q, Q
LVPECL Differential Output Pair: Differential buffered output copy of the input
signal. The output swing is typically 800mV. See “LVPECL Output Termination”
subsection.
8
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitors as close to
the VCC pin as possible.
or (408) 955-1690


Similar Part No. - SY58604U_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58604UMG MICREL-SY58604UMG Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604UMG MICREL-SY58604UMG Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604UMGTR MICREL-SY58604UMGTR Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58604U_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621L MICREL-SY58621L_10 Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U_10 Datasheet
625Kb / 12P
   3.2Gbps Precision, LVDS Buffer with
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58610U MICREL-SY58610U_10 Datasheet
716Kb / 14P
   3.2Gbps Precision, LVPECL 2:1 MUX with
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY58621L MICREL-SY58621L Datasheet
303Kb / 19P
   Precision 3.2Gbps CML/LVPECL Backplane Transceiver with Integrated Loopback
SY89221U_0708 MICREL-SY89221U_0708 Datasheet
834Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com