Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58608U Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY58608U
Description  3.2Gbps Precision, 1:2 LVDS Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58608U Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY58608U_10 Datasheet HTML 4Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 5Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 6Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 7Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 8Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 9Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 10Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 11Page - Micrel Semiconductor SY58608U_10 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Micrel, Inc.
SY58608U
October 2006
11
M9999-102706-A
hbwhelp@micrel.com or (408) 955-1690
Input Interface Applications
Figure 4a. CML Interface
(DC-Coupled)
Figure 4b. CML Interface
(AC-Coupled)
Figure 4c. LVPECL Interface
(DC-Coupled)
Figure 4d. LVPECL Interface
(AC-Coupled)
Figure 4e. LVDS Interface
(DC-Coupled)
Related Product and Support Documents
Part Number
Function
Data Sheet Link
SY58606U
4.25Gbps Precision, 1:2 CML Fanout
Buffer with Internal Termination and Fail
Safe Input
http://www.micrel.com/page.do?page=/product-
info/products/sy58606u.shtml
SY58607U
3.2Gbps Precision, 1:2 LVPECL Fanout
Buffer with Internal Termination and Fail
Safe Input
http://www.micrel.com/page.do?page=/product-
info/products/sy58607u.shtml
HBW Solutions
New Products and Termination Application
Notes
http://www.micrel.com/product-info/products/sy89830u.shtml


Similar Part No. - SY58608U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
More results

Similar Description - SY58608U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U_10 Datasheet
625Kb / 12P
   3.2Gbps Precision, LVDS Buffer with
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
SY89200U MICREL-SY89200U_10 Datasheet
493Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer
logo
Integrated Device Techn...
8SLVD2102 IDT-8SLVD2102 Datasheet
357Kb / 18P
   Dual 1:2, LVDS Output Fanout Buffer
8SLVD2102 IDT-8SLVD2102_18 Datasheet
386Kb / 18P
   Dual 1:2, LVDS Output Fanout Buffer
8P34S1102I IDT-8P34S1102I_17 Datasheet
348Kb / 16P
   1:2 LVDS Output 1.8V Fanout Buffer
IDT8P34S1102I IDT-IDT8P34S1102I_17 Datasheet
348Kb / 16P
   1:2 LVDS Output 1.8V Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com