Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58626LMH Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY58626LMH
Description  DC-to-6.4Gbps Backplane Transmit Buffer with
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58626LMH Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY58626LMH Datasheet HTML 7Page - Micrel Semiconductor SY58626LMH Datasheet HTML 8Page - Micrel Semiconductor SY58626LMH Datasheet HTML 9Page - Micrel Semiconductor SY58626LMH Datasheet HTML 10Page - Micrel Semiconductor SY58626LMH Datasheet HTML 11Page - Micrel Semiconductor SY58626LMH Datasheet HTML 12Page - Micrel Semiconductor SY58626LMH Datasheet HTML 13Page - Micrel Semiconductor SY58626LMH Datasheet HTML 14Page - Micrel Semiconductor SY58626LMH Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Micrel, Inc.
SY58626L
June 2007
11
M9999-061207-C
hbwhelp@micrel.com or (408) 955-1690
Detailed Description
The SY58626L is a high speed, low jitter transmit
buffer with integrated loopback capability. Adjustable
pre-emphasis amplitudes and selectable pre-emphasis
durations are included with the transmitter. The
SY58626L also includes disable and shutdown control
for the transmitter output.
Transmitter
The SY58626L transmitter includes the VTTIN and
VTTOUT pin for maximum interface flexibility and DC-
offset capability for the input and output, respectively.
This feature allows for interfacing with different logic
families without the use of AC-coupling. The output
buffer has internal 50
Ω source terminated CML
outputs for minimizing round-trip reflections.
Figure 1. Variable Output Swing Circuit
Transmitter Variable-Swing Output Buffer
Connecting VREF-CTRL to TXVCTRL sets the
transmitter output buffer to max swing 1.5VPK
(3.0VPP).
Connecting
VCC
to
TXVCTRL
sets
the
transmitter output buffer to minimum swing
100mVPK (200mVPP).
Connecting VREF-FIXED to TXVCTRL sets
the transmitter output buffer to 400mVPK
(800mVPP).
Control of the transmitter output swing buffer
can be obtained by using a variable resistor
connected between VREF-CTRL and VCC
with the wiper driving TXVCTRL. Please refer
to Figure 1 for more details.
Transmitter Disable and Shutdown
The SY58626L provides two methods to turn off the
output when desired. When /TXEN is pulled HIGH, the
transmitter output pair is disabled. TXQ goes to a LOW
state and /TXQ goes to a HIGH state. When
/TXQSHDN is pulled LOW, the transmitter output pair
is in shutdown mode. TXQ and /TXQ output currents
are shut off and the TXQ and /TXQ outputs are set to
the same potential. The threshold for the /TXEN and
/TXQSHDN pins is set with the VTH pin. Please refer
to the “Typical Operating Characteristics” for more
details.
Loopback
The SY58626L features a loopback test mode,
activated by setting LBSEL to logic HIGH. Using the
SY58626L with the SY58627L enables local loopback
and link side loopback, shown in Figures 2b and 2c.
This mode
enables
an
external loopback
path,
bypassing circuitry on both local and link side. Please
refer to Table 1 and Figure 3 for Loopback Control
information.
Figure 2a. Normal Operation


Similar Part No. - SY58626LMH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58626LMH MICREL-SY58626LMH Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
SY58626LMHTR MICREL-SY58626LMHTR Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
More results

Similar Description - SY58626LMH

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58627L MICREL-SY58627L Datasheet
1Mb / 18P
   DC-to-6.4Gbps Backplane Receive Buffer with Four Stage Programmable Equalization and DC-Offset Control
SY58626L MICREL-SY58626L Datasheet
826Kb / 18P
   DC-to-6.4Gbps Backplane Transmit Buffer with Selectable Output Pre-emphasis, I/O DCOffset Control, and 200mV-3.0VPP Output Swing
logo
National Semiconductor ...
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Micrel Semiconductor
SY56020R MICREL-SY56020R_10 Datasheet
472Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
SY56216R MICREL-SY56216R Datasheet
508Kb / 11P
   Low Voltage 1.2V/1.8V/2.5V CML Dual Channel Buffer 4.5GHz/6.4Gbps with Equalization
SY56011R MICREL-SY56011R Datasheet
447Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
logo
Texas Instruments
DS25BR120 TI-DS25BR120 Datasheet
845Kb / 16P
[Old version datasheet]   DS25BR120 3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Micrel Semiconductor
SY56011R MICREL-SY56011R_11 Datasheet
471Kb / 12P
   Low Voltage 1.2V/1.8V/2.5V CML 1:2 Fanout Buffer 6.4Gbps with Equalization
SY56020XR MICREL-SY56020XR Datasheet
311Kb / 10P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer 6.4Gbps with Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com