Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87739LHY Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY87739LHY
Description  Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87739LHY Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY87739LHY Datasheet HTML 1Page - Micrel Semiconductor SY87739LHY Datasheet HTML 2Page - Micrel Semiconductor SY87739LHY Datasheet HTML 3Page - Micrel Semiconductor SY87739LHY Datasheet HTML 4Page - Micrel Semiconductor SY87739LHY Datasheet HTML 5Page - Micrel Semiconductor SY87739LHY Datasheet HTML 6Page - Micrel Semiconductor SY87739LHY Datasheet HTML 7Page - Micrel Semiconductor SY87739LHY Datasheet HTML 8Page - Micrel Semiconductor SY87739LHY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel, Inc.
SY87739L
June 2011
2
M9999-061511
hbwhelp@micrel.com
Ordering Information
Part Number
Package Type
Operating Range
Package Marking
Lead Finish
SY87739LHI
H32-2
Industrial
SY87739LHI
Sn-Pb
SY87739LHITR
(2)
H32-2
Industrial
SY87739LHI
Sn-Pb
SY87739LHY
H32-2
Industrial
SY87739LHY with Pb-Free Bar Line Indicator
Matte-Sn
Pb-Free
SY87739LHYTR
(2, 3)
H32-2
Industrial
SY87739LHY with Pb-Free Bar Line Indicator
Matte-Sn
Pb-Free
Notes:
1.
Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC electricals only.
2.
Tape and Reel.
3.
Pb-Free package is recommended for new designs.
Pin Configuration
ePad TQFP (H32-2)
Pin Description
Pin Number
Pin Name
Pin Function
1, 24
VCCA
Analog Supply (Power). Set to same voltage as VCC.
2, 5, 11, 12,
13, 15, 16,
19, 20, 23,
28, 29
NC
No Connect. These pins are to be left unconnected.
3, 4
REFCLK
±
Reference Clock Input (Differential PECL Input): This is a clock derived from an oscillator or other
sufficiently accurate frequency source. The frequency provided at this input determines, along with
the programming, the output frequency at REFOUT
±. Micrel recommends using a 27.000MHz
frequency source.
6
PROGCS
Program Interface Chip Select (TTL Input): This signal forms part of the MicroWire™ interface. When
active high, this signal permits the acquisition of serial data. A falling edge on this input causes
SY87739L to re-acquire lock to a new frequency, based on the program downloaded to it.
or (408) 955-1690


Similar Part No. - SY87739LHY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739LHY MICREL-SY87739LHY Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739LHY MICREL-SY87739LHY Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739LHYTR MICREL-SY87739LHYTR Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739LHYTR MICREL-SY87739LHYTR Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
More results

Similar Description - SY87739LHY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739L MICREL-SY87739L_07 Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739L MICREL-SY87739L Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_07 Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com