Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87729LHYTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY87729LHYTR
Description  3.3V AnyClock짰, 10MHz to 365MHz
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87729LHYTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY87729LHYTR Datasheet HTML 1Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 2Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 3Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 4Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 5Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 6Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 7Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 8Page - Micrel Semiconductor SY87729LHYTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SY87729L
3.3V AnyClock
®, 10MHz to 365MHz
Fractional N Synthesizer
AnyClock and AnyRate are registered trademarks of Micrel, Inc.
MicroWire is a trademark of National Semiconductor
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The SY87729L is a complete rate independent frequency
synthesizer integrated circuit. From a single reference
source, this device generates a differential PECL
reference frequency for Micrel's SY87721L 10Mbps to
2.7Gbps combined CDR and CMU.
The SY87729L generates an exactly correct reference
frequency for common data transport protocols. This is
especially important in transponder applications, where a
standards compliant protocol data unit must be generated
downstream, even in the absence of any signal from the
associated upstream interface.
In addition, SY87729L will generate exactly correct
reference frequencies for common data transport protocols
augmented by forward error correction codes.
For proprietary applications, the SY87729L generates
reference frequencies guaranteed to enable the SY87721L
CDR to lock to any possible baud rate in its range.
SY87729L accepts configuration via a MicroWire™
interface.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
AnyClock
®
Features
• Fractional synthesizer from 10MHz to 365MHz from a
single 27MHz reference oscillator
• Generates exactly the correct frequency for common
transport protocols with or without FEC
• Directly enables SY87721L to lock onto any data rate
within its range
• Exceeds BellCore and ITU jitter generation
specifications
• Programmable via MicroWire™ interface
• Available in 32-Pin EPAD-TQFP package
Applications
• Metro access system
• Transponders
• Multiplexers: access, add drop mux
• SONET/SDH/ATM-based transmission systems,
modules and test equipment
• Broadband cross-connects
• Fiber optic test equipment
• Protocols supported:
OC-1, OC-3, OC-12, OC-48, ATM, Gigabit Ethernet,
Fast Ethernet, Fibre Channel, 2X Fibre Channel,
1394, InfiniBand, Proprietary Optical Transport
July 2011
M9999-072111-G
hbwhelp@micrel.com or (408) 955-1690


Similar Part No. - SY87729LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87729LHYTR MICREL-SY87729LHYTR Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729LHYTR MICREL-SY87729LHYTR Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
More results

Similar Description - SY87729LHYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87729L MICREL-SY87729L_07 Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87739L MICREL-SY87739L_07 Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739L MICREL-SY87739L_11 Datasheet
451Kb / 17P
   Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
SY87739L MICREL-SY87739L Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
logo
Maxim Integrated Produc...
DS4026_0709 MAXIM-DS4026_0709 Datasheet
176Kb / 13P
   10MHz to 51.84MHz TCXO
Rev 1; 9/07
logo
RF Micro Devices
RFSW6132 RFMD-RFSW6132 Datasheet
458Kb / 8P
   SP3T Symmetric Switch, 10MHz to 6000MHz
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com