Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87739L Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY87739L
Description  Protocol Transparent, 3.3V, 10MHz to 729MHz, Fractional-N Synthesizer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87739L Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY87739L_11 Datasheet HTML 6Page - Micrel Semiconductor SY87739L_11 Datasheet HTML 7Page - Micrel Semiconductor SY87739L_11 Datasheet HTML 8Page - Micrel Semiconductor SY87739L_11 Datasheet HTML 9Page - Micrel Semiconductor SY87739L_11 Datasheet HTML 10Page - Micrel Semiconductor SY87739L_11 Datasheet HTML 11Page - Micrel Semiconductor SY87739L_11 Datasheet HTML 12Page - Micrel Semiconductor SY87739L_11 Datasheet HTML 13Page - Micrel Semiconductor SY87739L_11 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
SY87739L
June 2011
10
M9999-061511
hbwhelp@micrel.com
Accum
Add
Sum
Modulo
Bit
0
5
5
5
1
5
5
10
10
1
10
5
15
15
1
15
5
20
20
1
20
5
25
2
0
2
5
7
7
1
7
5
12
12
1
12
5
17
17
1
17
5
22
22
1
22
5
27
4
0
4
5
9
9
1
9
5
14
14
1
14
5
19
19
1
19
5
24
1
0
1
5
6
6
1
6
5
11
11
1
11
5
16
16
1
16
5
21
21
1
21
5
26
3
0
3
5
8
8
1
8
5
13
13
1
13
5
18
18
1
18
5
23
0
0
or (408) 955-1690
Table 2. 5/23 Example
Note that the sequence of bits in the last column,
reading down, is the optimal pattern to generate.
The choice of repeating bit pattern reduces jitter
because a fractional-N synthesizer relies on edges
temporarily not matching, but averaging out over some
time interval. Anything that reduces the timing disparity
between
edges
arriving
at
the
phase-frequency
comparator will reduce jitter.
Center Frequency Trim
This circuit block generates two identical reference
voltages for the two VCO on the SY87739L. This voltage
pair can be digitally trimmed. Trimming occurs under
control of the acquisition sequencer, which trims for
center frequency of the fractional-N synthesizer only.
The wrapper synthesizer VCO is matched to the
fractional-N VCO. Both VCO are fed the same coarse
adjustment voltage, and so both center nominally at the
same frequency.
An 8-bit counter implements the voltage steps. The
acquisition sequencer steps through this counter, which
changes its voltage by about 12mV per step. The coarse
input to the VCO is nominally set at 500MHz per volt.
The
acquisition
sequencer
exercises
the
center
frequency trim circuit so that the VCO control voltage
ends up within about 12mV of where it should be, were it
exactly centered for the desired output frequency.
Lock Detector
The SY87739L ensures proper operation of both
synthesizers by verifying that both PLL have achieved
lock. The LOCKED output asserts active high only when
this is the case, that is, both PLL are locked.
The SY87739L implements a digital lock detector that is
both simple and robust. Each phase-frequency detector
provides a charge pump output that is the logical OR of
pump up and pump down pulses.
The lock-detect circuit processes this charge pump
output with a pulse width discriminator. Once each
reference clock rising edge, the discriminator will
produce a pulse, only if the phase difference between
the feedback divider and the reference input is too large.
These pulses are subsequently processed digitally. A
PLL that is out of lock, is declared to be in lock only if
256 consecutive reference clocks have NO large phase
errors, as reported by the pulse width discriminator. Any
large phase error event, even a single one, that arrives
before lock is declared, will reset the circuit.
Once in lock, a PLL is declared out of lock if more
large-phase-difference
than
small-phase-difference
events occur that is, if over time, a net of 256 large-
phase-difference events occur. That is accomplished by
counting up when large-phase-difference events occur
and counting down in the case of small-phase events.
Wrapper Synthesizer
The frequency generated by the fractional-N PLL is
further processed by a more classical PLL circuit, as
shown in Figure 3.
Figure 3. Wrapper Architecture


Similar Part No. - SY87739L_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739LHI MICREL-SY87739LHI Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739LHI MICREL-SY87739LHI Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739LHITR MICREL-SY87739LHITR Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739LHITR MICREL-SY87739LHITR Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739LHY MICREL-SY87739LHY Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
More results

Similar Description - SY87739L_11

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87739L MICREL-SY87739L_07 Datasheet
335Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87739L MICREL-SY87739L Datasheet
570Kb / 13P
   PROTOCOL TRANSPARENT 3.3V 10MHz to 729MHz FRACTIONAL-N SYNTHESIZER
SY87729L MICREL-SY87729L Datasheet
98Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_06 Datasheet
532Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
SY87729L MICREL-SY87729L_07 Datasheet
275Kb / 14P
   3.3V AnyClock (10MHz to 365MHz) FRACTIONAL N SYNTHESIZER
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com