Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY87813L Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY87813L
Description  3-Port 10/100 Integrated Switch with PHY and Frame Buffer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87813L Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY87813L_06 Datasheet HTML 4Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 5Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 6Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 7Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 8Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 9Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 10Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 11Page - Micrel Semiconductor SY87813L_06 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
KS8993
Micrel
KS8993
8
April 2009
Pin Number
Pin Name
Type(Note 1)
Port
Pin Function
77
MODESEL[3]
I
Selects LED and test modes
78
MODESEL[2]
I
Selects LED and test modes
79
MODESEL[1]
I
Selects LED and test modes
80
MODESEL[0]
I
Selects LED and test modes
81
TESTEN
I
Factory test pin - tie low for normal operation
82
SCANEN
I
Factory test pin - tie low for normal operation
83
RST#
I
Reset
84
VDD
Pwr
2.5V for core digital circuitry
85
GND
GND
Ground for digital circuitry
86
LED[1][3]
O
1
Port 1 LED indicator 3
87
LED[1][2]
O
1
Port 1 LED indicator 2
88
LED[1][1]
O
1
Port 1 LED indicator 1
89
LED[1][0]
O
1
Port 1 LED indicator 0
90
LED[2][3]
O
2
Port 2 LED indicator 3
91
LED[2][2]
O
2
Port 2 LED indicator 2
92
LED[2][1]
O
2
Port 2 LED indicator 1
93
LED[2][0]
O
2
Port 2 LED indicator 0
94
VDD_IO
Pwr
2.5V or 3.3V for MII interface, LEDs and other digital I/O
95
GND
GND
Ground for digital circuitry
96
LED[3][3]
O
3
Port 3 LED indicator 3
97
LED[3][2]
O
3
Port 3 LED indicator 2
98
LED[3][1]
O
3
Port 3 LED indicator 1
99
LED[3][0]
O
3
Port 3 LED indicator 0
100
PRSV
I
Priority queue buffer reserve
101
PRSEL[1]
I
Priority scheme select bit 1
102
PRSEL[0]
I
Priority scheme select bit 0
103
PBASE2
I
Priority base value bit 2
104
PBASE1
I
Priority base value bit 1
105
PBASE0
I
Priority base value bit 0
106
P3_1PEN
I
3
Port 3 802.1p receive priority classification enable
107
P2_1PEN
I
2
Port 2 802.1p receive priority classification enable
108
P1_1PEN
I
1
Port 1 802.1p receive priority classification enable
109
P3_TXQ2
I
3
Port 3 transmit queue split, priority queueing enable
110
P2_TXQ2
I
2
Port 2 transmit queue split, priority queueing enable
111
P1_TXQ2
I
1
Port 1 transmit queue split, priority queueing enable
112
GND
GND
Ground for digital circuitry
113
VDD
Pwr
2.5V for core digital circuitry
114
P3_PP
I
3
Port 3 receive port based priority classification
115
P2_PP
I
2
Port 2 receive port based priority classification
Note 1.
Pwr = power supply
GND = ground
I = input
O = output
I/O = bi-directional


Similar Part No. - SY87813L_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY87813LHG MICREL-SY87813LHG Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
SY87813LHGTR MICREL-SY87813LHGTR Datasheet
478Kb / 15P
   3.3V, 28Mbps to 1.3Gbps AnyRate Clock and Data Recovery
More results

Similar Description - SY87813L_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8993 MICREL-KS8993 Datasheet
225Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8993 MICREL-KS8993_09 Datasheet
205Kb / 35P
   3-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999 Datasheet
279Kb / 52P
   Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8999 MICREL-KS8999_11 Datasheet
444Kb / 53P
   Integrated 9-Port 10/100 Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
logo
Microchip Technology
KSZ8873MML MICROCHIP-KSZ8873MML Datasheet
846Kb / 91P
   Integrated 3-Port 10/100 Managed Switch with PHY
10/25/17
logo
List of Unclassifed Man...
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
   5 Port 10/100 Switch with PHY
logo
Micrel Semiconductor
KSZ8893MQL MICREL-KSZ8893MQL Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
KSZ8893M MICREL-KSZ8893M Datasheet
703Kb / 116P
   Integrated 3-Port 10/100 Managed Switch with PHYs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com