Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88063ALMG Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY88063ALMG
Description  3.3V, 12.5Gbps Limiting Post Amplifier with
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88063ALMG Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY88063ALMG Datasheet HTML 1Page - Micrel Semiconductor SY88063ALMG Datasheet HTML 2Page - Micrel Semiconductor SY88063ALMG Datasheet HTML 3Page - Micrel Semiconductor SY88063ALMG Datasheet HTML 4Page - Micrel Semiconductor SY88063ALMG Datasheet HTML 5Page - Micrel Semiconductor SY88063ALMG Datasheet HTML 6Page - Micrel Semiconductor SY88063ALMG Datasheet HTML 7Page - Micrel Semiconductor SY88063ALMG Datasheet HTML 8Page - Micrel Semiconductor SY88063ALMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SY88063AL
3.3V, 12.5Gbps Limiting Post Amplifier with
Automatic Digital Offset Correction
Micrel Inc. • 2180 Fort
www.micrel.com
une Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://
General Description
The SY88063AL is a multi-rate limiting post amplifier
designed for fiber-optic transceivers applications up to
12.5Gbps. It features an automatic digital offset correction
function. The offset correction feature will automatically
counteract any inherent offset present in the input signal
and amplifier. The highly sensitive SY88063AL can amplify
input signals as low as 20mVpp at 12.5Gbps or 10mVpp at
10.3Gbps to differential CML output levels.
The SY88063AL generates a loss-of-signal (LOS) open-
collector TTL output. A programmable loss-of-signal level
set pin (LOSLVL) sets the sensitivity of the input amplitude
detection. LOS asserts high if the input amplitude falls
below the threshold set by LOSLVL and de-asserts low
otherwise. The enable input (/EN) de-asserts the true
output signal without removing the input signal. The LOS
output can be fed back to the /EN input to implement the
squelch function that maintains output stability under a
loss-of-signal condition.
The SY88063AL operates from a single +3.3V power
supply, over –40
oC to +85oC, and is available in 3mm x
3mm 16-pin QFN package.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
• Up to 12.5Gbps operation
• Automatic Digital Offset Correction
• Programmable LOS level (LOSLVL)
• Squelching function to maintain output stability
• Low-noise CML data outputs
• TTL /EN input
• –40oC to +85oC Operation
• Small 3mm x 3mm QFN package
Applications
• 1x/2x/4x/8x Fibre Channel
• SR/LR SFP+ Optical Transceiver
• 10GPON ONU
• SONET/SDH:OC192 – STM64
Markets
• Datacom/telecom
• Optical transceiver
________________________________________________________________________________________________
Typical Application
September 2011
M9999-090911-B
hbwhelp@micrel.com or (408) 955-1690


Similar Part No. - SY88063ALMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88022AL MICREL-SY88022AL Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022ALMG MICREL-SY88022ALMG Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022ALMGTR MICREL-SY88022ALMGTR Datasheet
493Kb / 12P
   11.3Gbps Laser Diode Driver
SY88022L MICREL-SY88022L Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
SY88022LMG MICREL-SY88022LMG Datasheet
361Kb / 10P
   11.3Gbps Laser Diode Driver
More results

Similar Description - SY88063ALMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88053AL MICREL-SY88053AL Datasheet
453Kb / 12P
   3.3V, 12.5Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88353BL MICREL-SY88353BL Datasheet
471Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88353BL MICREL-SY88353BL_07 Datasheet
470Kb / 11P
   3.3V, 3.2 Gbps Limiting Post Amplifier with Programmable Decision Threshold
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com