Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88149CLKGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88149CLKGTR
Description  3.3V, 1.25Gbps PECL Limiting Post
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88149CLKGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88149CLKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 6Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 7Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 8Page - Micrel Semiconductor SY88149CLKGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
SY88149CL
January 2009
3
M9999-011609-C
hbwhelp@micrel.com or (408) 955-1690
Ordering Information(1)
Part Number
Package
Type
Operating
Range
Package Marking
Lead Finish
SY88149CLKG
K10-1
Industrial
149C with Pb-Free bar line indicator
NiPdAu Pb-Free
SY88149CLKGTR
(1)
K10-1
Industrial
149C with Pb-Free bar line indicator
NiPdAu Pb-Free
Note:
1.
Tape and Reel.
Pin Configuration
10-Pin MSOP (K10-1)
Pin Description
Pin Number
Pin Name
Type
Pin Function
1
EN
TTL Input: Default is
HIGH.
Enable: This input enables the outputs when it is HIGH. Note
that this input is internally connected to a 25kΩ pull-up resistor
and will default to a logic HIGH state if left open.
2
DIN
Data Input
True data input.
3
/DIN
Data Input
Complementary data input.
4
VREF
Reference voltage: Placing a capacitor here to VCC helps
stabilize SDLVL.
5
SDLVL
Input
Signal Detect Level Set: a resistor from this pin to VCC sets the
threshold for the data input amplitude at which SD will be
asserted.
6
GND
Ground
Device ground.
7
SD
Open-collector TTL
output w/internal 4.75kΩ
pull-up resistor
Signal-Detect asserts high when the data input amplitude rises
above the threshold set by SDLVL.
8
/DOUT
PECL Output
Complementary data output.
9
DOUT
PECL Output
True data output.
10
VCC
Power Supply
Positive power supply.


Similar Part No. - SY88149CLKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CLKGTR MICREL-SY88149CLKGTR Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CLKGTR MICREL-SY88149CLKGTR Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
More results

Similar Description - SY88149CLKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88147DL MICREL-SY88147DL_07 Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88933AL MICREL-SY88933AL_07 Datasheet
325Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88933AL MICREL-SY88933AL Datasheet
336Kb / 9P
   3.3V, 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier w/TTL Signal Detect
SY88149CL MICREL-SY88149CL_07 Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88933V MICREL-SY88933V_06 Datasheet
62Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88933V MICREL-SY88933V_08 Datasheet
74Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER WITH TTL SIGNAL DETECT
SY88147DL MICREL-SY88147DL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Loss-of-Signal
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com