Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88149NDLMGTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY88149NDLMGTR
Description  1.25Gbps Burst-Mode Limiting Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88149NDLMGTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY88149NDLMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88149NDLMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88149NDLMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88149NDLMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88149NDLMGTR Datasheet HTML 9Page - Micrel Semiconductor SY88149NDLMGTR Datasheet HTML 10Page - Micrel Semiconductor SY88149NDLMGTR Datasheet HTML 11Page - Micrel Semiconductor SY88149NDLMGTR Datasheet HTML 12Page - Micrel Semiconductor SY88149NDLMGTR Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
SY88149NDL
February 2012
10
M9999-020712-A
hbwhelp@micrel.com or (408) 955-1690
g) Manual RESET Pulse & /AutoReset tied LOW
(Noise Discriminator OFF)
h) Manual RESET Pulse & /AutoReset tied LOW
(Noise Discriminator ON)
Figure 1. VIS (single ended) and VID (differential) Definition


Similar Part No. - SY88149NDLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CL MICREL-SY88149CL Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88149CL MICREL-SY88149CL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CLKG MICREL-SY88149CLKG Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CLKG MICREL-SY88149CLKG Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
More results

Similar Description - SY88149NDLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149HL MICREL-SY88149HL_10 Datasheet
365Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting
SY88149HAL MICREL-SY88149HAL Datasheet
343Kb / 11P
   1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com