Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88149NDL Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88149NDL
Description  1.25Gbps Burst-Mode Limiting Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88149NDL Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88149NDL_12 Datasheet HTML 1Page - Micrel Semiconductor SY88149NDL_12 Datasheet HTML 2Page - Micrel Semiconductor SY88149NDL_12 Datasheet HTML 3Page - Micrel Semiconductor SY88149NDL_12 Datasheet HTML 4Page - Micrel Semiconductor SY88149NDL_12 Datasheet HTML 5Page - Micrel Semiconductor SY88149NDL_12 Datasheet HTML 6Page - Micrel Semiconductor SY88149NDL_12 Datasheet HTML 7Page - Micrel Semiconductor SY88149NDL_12 Datasheet HTML 8Page - Micrel Semiconductor SY88149NDL_12 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
SY88149NDL
February 2012
2
M9999-020712-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
Part Number
Package Type
Operating Range
Package Marking
SY88149NDLMG
Lead-Free QFN-16
Industrial
149N with Pb-Free bar-line indicator
SY88149NDLMG TR
(1)
Lead-Free QFN-16
Industrial
149N with Pb-Free bar-line indicator
Notes:
1. Tape and Reel.
Pin Configuration
16-Pin QFN
® (QFN-16)
Truth Table for SD/LOS Select and Noise Discriminator function
LOS/SDSEL PIN
LOS/SD SELECTION
NOISE DISCRIMINATOR
INPUT TO JAM
OUTPUTS
0Ω to VCC
SD
Enabled
HIGH
Enabled
0Ω to VCC
SD
Enabled
LOW
Disabled
16KΩ to VCC
SD
Disabled
HIGH
Enabled
16KΩ to VCC
SD
Disabled
LOW
Disabled
16KΩ to GND
LOS
Disabled
HIGH
Disabled
16KΩ to GND
LOS
Disabled
LOW
Enabled
0Ω to GND
LOS
Enabled
HIGH
Disabled
0Ω to GND
LOS
Enabled
LOW
Enabled


Similar Part No. - SY88149NDL_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149CL MICREL-SY88149CL Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CL MICREL-SY88149CL Datasheet
285Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post Amplifier w/High Gain TTL Signal Detect
SY88149CL MICREL-SY88149CL Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
SY88149CLKG MICREL-SY88149CLKG Datasheet
280Kb / 10P
   3.3V, 1.25Gbps PECL LIMITING POST AMPLIFIER W/HIGH GAIN TTL SIGNAL DETECT
SY88149CLKG MICREL-SY88149CLKG Datasheet
311Kb / 10P
   3.3V, 1.25Gbps PECL Limiting Post
More results

Similar Description - SY88149NDL_12

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88149HL MICREL-SY88149HL_10 Datasheet
365Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting
SY88149HAL MICREL-SY88149HAL Datasheet
343Kb / 11P
   1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88149HL MICREL-SY88149HL Datasheet
375Kb / 11P
   3.3V 1.25Gbps Burst-Mode Limiting Amplifier with Ultra-Fast Signal Assert Timing
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
SY88913 MICREL-SY88913_07 Datasheet
91Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913_05 Datasheet
81Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903AL MICREL-SY88903AL Datasheet
333Kb / 9P
   3.3V, Burst Mode 1.25Gbps PECL High-Sensitivity Limiting Post Amplifier with TTL Loss-of-Signal
SY88903 MICREL-SY88903_07 Datasheet
91Kb / 7P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913 MICREL-SY88913 Datasheet
101Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88903 MICREL-SY88903 Datasheet
102Kb / 8P
   1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com