Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88232L Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY88232L
Description  2.5Gbps Laser Diode Driver with Integrated
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88232L Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY88232L_10 Datasheet HTML 4Page - Micrel Semiconductor SY88232L_10 Datasheet HTML 5Page - Micrel Semiconductor SY88232L_10 Datasheet HTML 6Page - Micrel Semiconductor SY88232L_10 Datasheet HTML 7Page - Micrel Semiconductor SY88232L_10 Datasheet HTML 8Page - Micrel Semiconductor SY88232L_10 Datasheet HTML 9Page - Micrel Semiconductor SY88232L_10 Datasheet HTML 10Page - Micrel Semiconductor SY88232L_10 Datasheet HTML 11Page - Micrel Semiconductor SY88232L_10 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Micrel, Inc.
SY88232L/AL
June 2009
8
M9999-063009-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
TA = –40°C to +85°C and VCC = +3.0V to +3.6V, unless otherwise noted. Typical values are VCC = +3.3V, TA = 25°C, IMOD =
30mA, IBIAS = 30mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Laser Driver
Data Rate
NRZ
0.155
2.5
Gbps
VDIFF-IN
(DIN)
Differential Input Voltage
Swing
100
2400
mVPP
IMOD
Modulation Current
(5)
AC-coupled
10
85
mA
DC-coupled, Voltage at MOD pin
≥0.6V
10
70
(6)
mA
IMOD_OFF
Modulation OFF Current
Current at MOD+ when /TXEN is high or TXDIS is
low and a 6.3k
Ω installed between /TXDIS and
GND
150
µA
Current at MOD- when /TXEN is high or TXDIS is
low and a 6.3k
Ω installed between /TXDIS and
GND
150
µA
tr
Output Current Rise Time
20% to 80%, IMOD = 60mA
60
85
ps
tf
Output Current Fall Time
20% to 80%, IMOD = 60mA
60
85
ps
Jitter
Total Jitter
(7)
155Mbps data rate
30
psPP
622Mbps data rate
30
psPP
1.25Gbps data rate
30
psPP
2.5Gbps data rate
30
psPP
tINIT
APC Loop Initialization Time
Power up with /TXEN low, TXDIS high, and a
6.3k
Ω installed between /TXDIS and GND
12
µs
/TXEN changes from high to low with power ON,
TXDIS high, and a 6.3k
Ω installed between
/TXDIS and GND
10
µs
TXDIS changes from low to high with power ON,
/TXEN low, and a 6.3k
Ω installed between /TXDIS
and GND
2.5
ns
622Mbps
720
ns
1.25Gbps
576
ns
2.5Gbps
576
ns
Notes:
5.
Load = 15
Ω.
6.
Assuming VCC = 3.0V, Laser bandgap voltage = 1V, laser package inductance = 1nH, laser equivalent series resistor = 5
Ω, and damping resistor = 10Ω.
7.
Total jitter is measured using 2
7 – 1 PRBS pattern.


Similar Part No. - SY88232L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88232LMG MICREL-SY88232LMG Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
SY88232LMGTR MICREL-SY88232LMGTR Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
More results

Similar Description - SY88232L_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
   2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com