Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88289CLMGTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY88289CLMGTR
Description  3.3V, 3.2Gbps CML Limiting Post Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88289CLMGTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY88289CLMGTR Datasheet HTML 2Page - Micrel Semiconductor SY88289CLMGTR Datasheet HTML 3Page - Micrel Semiconductor SY88289CLMGTR Datasheet HTML 4Page - Micrel Semiconductor SY88289CLMGTR Datasheet HTML 5Page - Micrel Semiconductor SY88289CLMGTR Datasheet HTML 6Page - Micrel Semiconductor SY88289CLMGTR Datasheet HTML 7Page - Micrel Semiconductor SY88289CLMGTR Datasheet HTML 8Page - Micrel Semiconductor SY88289CLMGTR Datasheet HTML 9Page - Micrel Semiconductor SY88289CLMGTR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
SY88289CL
February 2007
7
M9999-021207-B
hbwhelp@micrel.com or (408) 955-1690
Functional Block Diagram
Detailed Description
The SY88289CL high-sensitivity limiting post amplifier
operates from a single +3.3V power supply, over
temperatures from –40
oC to +85oC. Signals with data
rates up to 3.2Gbps and as small as 5mVPP can be
amplified. Figure 1 shows the allowed input voltage
swing. The SY88289CL generates a LOS output.
LOSLVL sets the sensitivity of the input amplitude
detection.
Input Amplifier/Buffer
Figure
2
shows
a
simplified
schematic
of
the
SY88289CL’s input stage. The high-sensitivity of the
input amplifier allows signals as small as 5mVPP to be
detected and amplified. The input amplifier also allows
input signals as large as 1800mVPP. Input signals are
linearly amplified with a typical 38dB differential
voltage gain. Since it is a limiting amplifier, the
SY88289CL outputs typically 800mVPP voltage-limited
waveforms for input signals that are greater than
12mVPP. Applications requiring the SY88289CL to
operate with high-gain should have the upstream TIA
placed as close as possible to the SY88289CL’s input
pins to ensure the best performance of the device.
Output Buffer
The SY88289CL’s CML output buffer is designed to
drive 50
Ω lines. The output buffer requires appropriate
termination for proper operation. An external 50
resistor to VCC for each output pin provides this. Figure
3 shows a simplified schematic of the output stage.
Loss-of-signal
The SY88289CL generates a chatter-free LOS open-
collector TTL output with an internal 4.75k
Ω pull
-up
resistor, as shown in Figure 4. LOS is used to
determine that the input amplitude is large enough to
be considered a valid input. LOS asserts high if the
input amplitude falls below the threshold sets by
LOSLVL and de-asserts low otherwise. LOS can be fed
back to the enable bar (/EN) input to maintain output
stability under a loss of signal condition. /EN de-
asserts the true output signal without removing the
input signals. Typically, 3.5dB LOS hysteresis is
provided to prevent chattering.
Loss-of-signal Level Set
A programmable LOS level-set pin (LOSLVL) sets the
threshold of the input amplitude detection. Connecting
an external resistor between VCC and LOSLVL sets the
voltage at LOSLVL. This voltage ranges from VCC to
VREF. The external resistor creates a voltage divider
between VCC and VREF, as shown in Figure 5.
Hysteresis
The
SY88289CL
typically
provides
3.5dB
LOS
electrical hysteresis. By definition, a power ratio
measured in dB is 10log (power ratio). Power is
calculated as V
2
IN/R for an electrical signal. Hence,
the same ratio can be stated as 20log (voltage ratio).
While in linear mode, the electrical voltage input
changes linearly with the optical power and therefore,
the ratios change linearly. Thus, the optical hysteresis
in dB is half the electrical hysteresis in dB given in the
data sheet. Since the SY88289CL is an electrical
device, this data sheet refers to hysteresis in electrical
terms. With 3.5dB LOS hysteresis, a voltage factor of
1.5 is required to assert or de-assert LOS.


Similar Part No. - SY88289CLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289CLMGTR MICREL-SY88289CLMGTR Datasheet
348Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with High-Gain TTL Loss-of-Signal
More results

Similar Description - SY88289CLMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88305BL MICREL-SY88305BL Datasheet
391Kb / 11P
   3.3V, 3.2Gbps CML Limiting Post Amplifier with Wide Signal-Detect Range
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
SY88823V MICREL-SY88823V Datasheet
122Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL SD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com