Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88315BLMG Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88315BLMG
Description  3.3V, 3.2Gbps CML Low-Power Limiting
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88315BLMG Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88315BLMG Datasheet HTML 1Page - Micrel Semiconductor SY88315BLMG Datasheet HTML 2Page - Micrel Semiconductor SY88315BLMG Datasheet HTML 3Page - Micrel Semiconductor SY88315BLMG Datasheet HTML 4Page - Micrel Semiconductor SY88315BLMG Datasheet HTML 5Page - Micrel Semiconductor SY88315BLMG Datasheet HTML 6Page - Micrel Semiconductor SY88315BLMG Datasheet HTML 7Page - Micrel Semiconductor SY88315BLMG Datasheet HTML 8Page - Micrel Semiconductor SY88315BLMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
SY88315BL
November 2005
3
M9999-113005-C
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
(MSOP)
Pin Number
(QFN)
Pin Name
Type
Pin Function
1
15
EN
TTL Input: Default is
high.
Enable: De-asserts true data output when LOW.
2
1
DIN
Data Input
True data input w/50
Ω termination to VREF.
3
4
/DIN
Data Input
Complementary data input w/50
Ω termination to
VREF.
4
6
VREF
Reference Voltage: Placing a capacitor here to VCC
helps stabilize SDLVL.
5
14
SDLVL
Input: Default is
maximum sensitivity
Signal-detect Level Set: A resistor from this pin to
VCC sets the threshold for the data input amplitude
at which the SD output will be asserted.
6
Exposed Pad
2, 3, 10, 11
Exposed Pad
GND
Ground
Device ground. Exposed pad must be connected to
PCB ground plane.
7
7
SD
Open Collector
TTL Output with
Internal 4.75k
Ω pull-up
Resistor
Signal-detect: Asserts high when the data input
amplitude rises above the threshold set by SDLVL.
8
9
/DOUT
CML Output
Complementary data output.
9
12
DOUT
CML Output
True data output.
10
5, 8, 13, 16
VCC
Power supply
Positive power supply.


Similar Part No. - SY88315BLMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88315BLMG MICREL-SY88315BLMG Datasheet
397Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
SY88315BLMGTR MICREL-SY88315BLMGTR Datasheet
397Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post Amplifier w/TTL Signal Detect
More results

Similar Description - SY88315BLMG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88973BL MICREL-SY88973BL Datasheet
539Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post Amplifier with TTL LOS
SY88973V MICREL-SY88973V Datasheet
123Kb / 11P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88983V MICREL-SY88983V Datasheet
125Kb / 9P
   3.3V/5V 3.2Gbps CML LOW-POWER LIMITING POST AMPLIFIER w/TTL SD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com