Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88422L Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY88422L
Description  4.25Gbps Laser Driver with Integrated Bias
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88422L Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY88422L Datasheet HTML 1Page - Micrel Semiconductor SY88422L Datasheet HTML 2Page - Micrel Semiconductor SY88422L Datasheet HTML 3Page - Micrel Semiconductor SY88422L Datasheet HTML 4Page - Micrel Semiconductor SY88422L Datasheet HTML 5Page - Micrel Semiconductor SY88422L Datasheet HTML 6Page - Micrel Semiconductor SY88422L Datasheet HTML 7Page - Micrel Semiconductor SY88422L Datasheet HTML 8Page - Micrel Semiconductor SY88422L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Micrel, Inc.
SY88422L
November 2007
5
M9999-112607-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
TA = –40°C to +85°C and VCC = +3.0V to +3.6V, unless otherwise noted. Typical values are VCC = +3.3V, TA = 25°C, IMOD =
30mA, IBIAS = 20mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Data Rate
NRZ
0.1
4.25
Gbps
IMOD
Modulation Current
(5)
Laser or equivalent load AC-coupled to
the driver
10
90
mA
IMOD_OFF
Modulation OFF Current
Current at MOD+ and MOD- when the
device is disabled
150
µA
tr
Output Current Rise Time
20% to 80%, 15
Ω load
50
70
ps
tf
Output Current Fall Time
20% to 80%, 15
Ω load
50
70
ps
Total Jitter
20
psPP
IBIAS
Bias Current
(5)
5
100
mA
IBias_OFF
Bias OFF Current
Current at BIAS when the device is
disabled
150
µA
Notes:
5. Load = 15
Ω.
Test Circuit


Similar Part No. - SY88422L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
SY88422LMG MICREL-SY88422LMG Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
SY88422LMGTR MICREL-SY88422LMGTR Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
More results

Similar Description - SY88422L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88422L MICREL-SY88422L Datasheet
426Kb / 10P
   4.25Gbps Laser Driver with Integrated Bias
SY88932L MICREL-SY88932L_10 Datasheet
171Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver
SY88932L MICREL-SY88932L_08 Datasheet
196Kb / 7P
   3.3V, 4.25Gbps SONET/SDH Laser Driver with Output Disable
SY88212L MICREL-SY88212L Datasheet
456Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver with Integrated Bias and APC
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
Maxim Integrated Produc...
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
MAX3738 MAXIM-MAX3738_08 Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
logo
Micrel Semiconductor
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com