Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88403BLEYTR Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # SY88403BLEYTR
Description  3.3V 4.25Gbps CML Low-Power Limiting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88403BLEYTR Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button SY88403BLEYTR Datasheet HTML 4Page - Micrel Semiconductor SY88403BLEYTR Datasheet HTML 5Page - Micrel Semiconductor SY88403BLEYTR Datasheet HTML 6Page - Micrel Semiconductor SY88403BLEYTR Datasheet HTML 7Page - Micrel Semiconductor SY88403BLEYTR Datasheet HTML 8Page - Micrel Semiconductor SY88403BLEYTR Datasheet HTML 9Page - Micrel Semiconductor SY88403BLEYTR Datasheet HTML 10Page - Micrel Semiconductor SY88403BLEYTR Datasheet HTML 11Page - Micrel Semiconductor SY88403BLEYTR Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Micrel, Inc.
SY88403BL
November 2008
11
M9999-111808-F
hbwhelp@micrel.com or (408) 955-1690
Package Information
16-Pin QFN
PCB Thermal Consideration for 16-Pin QFN Package
(Always solder, or equivalent, the exposed pad to the PCB)
Package Notes:
1. Package meets Level 2 qualification.
2. All parts are dry-packaged before shipment.
3. Exposed pads must be soldered to a ground for proper thermal management.


Similar Part No. - SY88403BLEYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88403BLEYTR MICREL-SY88403BLEYTR Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
More results

Similar Description - SY88403BLEYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com