Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88403BLEY Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88403BLEY
Description  3.3V 4.25Gbps CML Low-Power Limiting
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88403BLEY Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88403BLEY Datasheet HTML 1Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 2Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 3Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 4Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 5Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 6Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 7Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 8Page - Micrel Semiconductor SY88403BLEY Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
SY88403BL
November 2008
4
M9999-111808-F
hbwhelp@micrel.com or (408) 955-1690
Pin Description
QFN
Pin Number
EPAD-MSOP
Pin Number
Pin
Name
Type
Pin Function
1, 4
2, 3
DIN, /DIN
Differential
data input
Differential data input. Each pin internally terminates to REF
through 50
Ω.
2, 3, 10, 11
Exposed Pad
6
Exposed Pad
GND
Ground
Device ground. Exposed pad must be soldered (or equivalent)
to the same potential as the ground pins.
5, 8, 13, 16
10
VCC
Power
supply
Positive power supply. Bypass with 0.1µF||0.01µF low ESR
capacitors. 0.01µF capacitors should be as close as possible to
VCC pin.
6
4
VREF
Reference Voltage. Bypass with 0.01µF low ESR capacitor from
VREF to VCC to stabilize LOSLVL and VREF.
7
7
LOS
Open
Collector TTL
output with
internal
4.75k
Ω pull-
up resistor
Loss-of-Signal: Asserts high when the data input amplitude falls
below the threshold set by LOSLVL.
9, 12
9, 8
DOUT,
/DOUT
Differential
CML output
Differential data output.
14
5
LOSLVL
Input: Default
is maximum
sensitivity.
Loss-of-Signal level set: A resistor from this pin to VCC sets the
threshold for the data input amplitude at which the LOS output
will be asserted.
15
1
/EN
TTL input:
Default is
high.
Enable bar: De-asserts true data output when high. Incorporates
25k
Ω pull-up to VCC.


Similar Part No. - SY88403BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88403BLEY MICREL-SY88403BLEY Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88403BLEYTR MICREL-SY88403BLEYTR Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
More results

Similar Description - SY88403BLEY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88403BL MICREL-SY88403BL Datasheet
549Kb / 12P
   3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
532Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY84403BL MICREL-SY84403BL Datasheet
413Kb / 10P
   Ultra Small 3.3V 4.25Gbps CML Low-Power Limiting Post Amplifier with TTL LOS
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com