Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6208CP35 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCM6208CP35
Description  64K x 4 Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6208CP35 Datasheet(HTML) 3 Page - Motorola, Inc

  MCM6208CP35 Datasheet HTML 1Page - Motorola, Inc MCM6208CP35 Datasheet HTML 2Page - Motorola, Inc MCM6208CP35 Datasheet HTML 3Page - Motorola, Inc MCM6208CP35 Datasheet HTML 4Page - Motorola, Inc MCM6208CP35 Datasheet HTML 5Page - Motorola, Inc MCM6208CP35 Datasheet HTML 6Page - Motorola, Inc MCM6208CP35 Datasheet HTML 7Page - Motorola, Inc MCM6208CP35 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MCM6208C
3
MOTOROLA FAST SRAM
CAPACITANCE (f = 1 MHz, dV = 3 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Characteristic
Symbol
Max
Unit
Address Input Capacitance
Cin
6
pF
Control Pin Input Capacitance (E, G, W)
Cin
6
pF
I/O Capacitance
CI/O
8
pF
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
5 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . .
Output Load
Figure 1A Unless Otherwise Noted
. . . . . . . . . . . . . . . .
READ CYCLE (See Notes 1 and 2)
– 12
– 15
– 20
– 25
–35
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Read Cycle Time
tAVAV
12
15
20
25
35
ns
2
Address Access Time
tAVQV
12
15
20
25
25
ns
Enable Access Time
tELQV
12
15
20
25
25
ns
3
Output Enable Access Time
tGLQV
6
8
10
12
ns
Output Hold from Address Change
tAXQX
4
4
4
4
4
ns
Enable Low to Output Active1
tELQX
4
4
4
4
4
ns
4, 5, 6
Enable High to Output High–Z
tEHQZ
0
6
0
8
0
9
0
10
0
10
ns
4, 5, 6
Output Enable Low to Output Active
tGLQX
0
0
0
0
0
ns
4, 5, 6
Output Enable High to Output High–Z
tGHQZ
0
6
0
7
0
8
0
10
0
ns
4, 5, 6
Power Up Time
tELICCH
0
0
0
0
0
ns
Power Down Time
tEHICCL
12
15
20
25
35
ns
NOTES:
1. W is high for read cycle.
2. All timings are referenced from the last valid address to the first transitioning address.
3. Addresses valid prior to or coincident with E going low.
4. At any given voltage and temperature, tEHQZ max is less than tELQX min, and tGHQZ max is less than tGLQX min, both for a given device
and from device to device.
5. Transition is measured
± 500 mV from steady–state voltage with load of Figure 1B.
6. This parameter is sampled and not 100% tested.
7. Device is continuously selected (E1
≤ VIL).
AC TEST LOADS
Figure 1A
Figure 1B
The table of timing values shows either a
minimum or a maximum limit for each param-
eter. Input requirements are specified from
the external system point of view. Thus, ad-
dress setup time is shown as a minimum
since the system must supply at least that
much time (even though most devices do not
require it). On the other hand, responses from
the memory are specified from the device
point of view. Thus, the access time is shown
as a maximum since the device never pro-
vides data later than that time.
TIMING LIMITS
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
5 pF
+ 5 V
OUTPUT
255
480


Similar Part No. - MCM6208CP35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15 MOTOROLA-MCM6205DJ15 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ15R2 MOTOROLA-MCM6205DJ15R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20 MOTOROLA-MCM6205DJ20 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
MCM6205DJ20R2 MOTOROLA-MCM6205DJ20R2 Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
More results

Similar Description - MCM6208CP35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6209C MOTOROLA-MCM6209C Datasheet
175Kb / 8P
   64K x 4 Bit Fast Static RAM
logo
Cypress Semiconductor
CY7C194 CYPRESS-CY7C194 Datasheet
228Kb / 12P
   64K x 4 Static RAM
logo
Motorola, Inc
MCM6709AR MOTOROLA-MCM6709AR Datasheet
145Kb / 8P
   64K x 4 Bit Static RAM
MCM6708A MOTOROLA-MCM6708A Datasheet
143Kb / 8P
   64K x 4 Bit Static RAM
logo
Sharp Corporation
LH52253 SHARP-LH52253 Datasheet
335Kb / 7P
   CMOS 64K X 4 STATIC RAM
logo
Motorola, Inc
MCM6709A MOTOROLA-MCM6709A Datasheet
147Kb / 8P
   64K x 4 Bit Static RAM
MCM6709B MOTOROLA-MCM6709B Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709BR MOTOROLA-MCM6709BR Datasheet
102Kb / 7P
   64K x 4 Bit Static RAM
MCM6709R MOTOROLA-MCM6709R Datasheet
146Kb / 8P
   64K x 4 Bit Static RAM
logo
Cypress Semiconductor
CY7C194B CYPRESS-CY7C194B Datasheet
256Kb / 13P
   256 Kb (64K x 4) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com