Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88803VKCTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88803VKCTR
Description  3.3V/5V 155Mbps PECL LOW POWER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88803VKCTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88803VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 6Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 7Page - Micrel Semiconductor SY88803VKCTR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
SY88803V
Micrel, Inc.
M9999-051706
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.0V to 3.6V or 4.5V to 5.5V; RLOAD = 50Ω to VCC–2V; TA = –40°C to +85°C; typical values at VCC = 3.3V, TA = 25°C
Symbol
Parameter
Condition
Min
Typ
Max
Units
HYS
LOS Hysteresis
electrical signal
2
4.6
8
dB
t
OFF
LOS Release Time
0.1
0.5
µs
t
ON
LOS Assert Time
0.2
0.5
µs
t
r,tf
Differential Output Rise/Fall Time
1000
ps
(20% to 80%)
V
ID
Differential Input Voltage Swing
5
1800
mV
PP
V
OD
Differential Output Voltage Swing
V
ID ≥ 18mVp-p
1500
mV
PP
V
ID = 5mVp-p
400
mV
PP
V
SR
LOS Sensitivity Range
5
50
mV
PP
A
V(Diff)
Differential Voltage Gain
38
dB
B
–3dB
3dB Bandwidth
200
MHz
S
21
Single-Ended Small-Signal Gain
26
32
dB
Note:
7. Specification for packaged product only.
AC ELECTRICAL CHARACTERISTICS(7)
TYPICAL OPERATING CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL
(referenced to V
CC
) (V)
3.3V LOS Assert and Deassert
Levels vs. LOS
LVL
3.3V
T
A = 25°C
155Mbps
Pattern 223-1
0
10
20
30
40
50
60
70
80
90
100
0
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2
LOS
LVL
(referenced to V
CC
) (V)
5V LOS Assert and Deassert
Levels vs. LOS
LVL
5.0V
T
A = 25°C
155Mbps
Pattern 2
23-1


Similar Part No. - SY88803VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88803VKCTR MICREL-SY88803VKCTR Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803VKCTR MICREL-SY88803VKCTR Datasheet
68Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
More results

Similar Description - SY88803VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88813V MICREL-SY88813V Datasheet
56Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER WITH PECL SIGNAL DETECT
SY88803V MICREL-SY88803V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88803V MICREL-SY88803V_03 Datasheet
68Kb / 8P
   3.3V/5V 155Mbps PECL LOW POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88893V MICREL-SY88893V Datasheet
60Kb / 8P
   3.3V/5V 155Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL SIGNAL DETECT
SY88933V MICREL-SY88933V Datasheet
63Kb / 8P
   3.3V/5V 1.25Gbps PECL LOW-POWER LIMITING POST AMPLIFIER
logo
Golledge Electronics Lt...
GVXO-34 GOLLEDGE-GVXO-34_15 Datasheet
126Kb / 1P
   3.3V & 5V VCXO - Complementary PECL
logo
Micrel Semiconductor
SY88713V MICREL-SY88713V Datasheet
55Kb / 8P
   3.3V/5V 622 Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/PECL SIGNAL DETECT
SY88822V MICREL-SY88822V_05 Datasheet
56Kb / 5P
   5V/3.3V 155Mbps LASER DIODE DRIVER WITH OUTPUT ENABLE
SY88703V MICREL-SY88703V_06 Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
SY88703V MICREL-SY88703V Datasheet
59Kb / 8P
   3.3V/5V 622Mbps PECL LOW-POWER LIMITING POST AMPLIFIER W/TTL LOS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com