Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88982L Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY88982L
Description  3.3V, 2.7Gbps High-Current, Low-Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88982L Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY88982L Datasheet HTML 1Page - Micrel Semiconductor SY88982L Datasheet HTML 2Page - Micrel Semiconductor SY88982L Datasheet HTML 3Page - Micrel Semiconductor SY88982L Datasheet HTML 4Page - Micrel Semiconductor SY88982L Datasheet HTML 5Page - Micrel Semiconductor SY88982L Datasheet HTML 6Page - Micrel Semiconductor SY88982L Datasheet HTML 7Page - Micrel Semiconductor SY88982L Datasheet HTML 8Page - Micrel Semiconductor SY88982L Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
SY88982L
December 2009
4
M9999-121009-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) ...........................–0.5V to +4.0V
CML Input Voltage (VIN).......... VCC–1.2V to VCC+0.5V
TTL Control Input Voltage (VIN) ...................0V to VCC
Lead Temperature (soldering, 20sec.) ...........+260°C
Storage Temperature (Ts)............... –65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC)...........................+3.0V to +3.6V
Ambient Temperature (TA)................ –40°C to +85°C
Package Thermal Resistance
(3)
QFN
(
θ
JA) Still-air ............................................. 60°C/W
(
ψ
JB) ......................................................... 33°C/W
DC Electrical Characteristics
TA = -40°C to 85°C and VCC = +3.0V to +3.6V, unless otherwise noted. Typical values are VCC = +3.3V, TA = 25°C,
IMOD = 60mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
ICC
Power Supply Current
Modulation current excluded
48
65
(4)
mA
VMOD_MIN
Minimum Voltage Required at
the Driver Output (headroom) for
Proper Operation
0.6
V
RIN(DATA)
Input Resistance (DIN+, DIN-)
45
50
55
VID
Differential Input Voltage Swing
200
2400
mVPP
/EN Low
0.8
V
/EN High
2
V
RIN (IMOD_SET)
IM_SET Input Resistance
25
k
VIM_SET
Voltage Range on IM_SET Pin
IMOD range 10mA – 90mA
1.2
V
AC Electrical Characteristics
TA = -40°C to 85°C and VCC = +3.0V to +3.6V, unless otherwise noted. Typical values are VCC = +3.3V, TA = 25°C,
IMOD = 60mA.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Data Rate
NRZ
0.155
2.7
Gbps
IMOD
Modulation Current
(5)
AC-coupled
10
90
mA
DC-coupled
10
70
(6)
mA
IMOD_OFF
Modulation OFF Current
Current at MOD+ when the device is
disabled.
750
µA
tr
Output Current Rise Time
20% to 80%, IMOD = 60mA, 15
Ω load
55
80
ps
tf
Output Current Fall Time
20% to 80%, IMOD
= 60mA, 15Ω load
55
80
ps
Total Jitter
@2.5Gbps data rate
20
psPP
Pulse-Width Distortion
IMOD range 10mA – 90mA
20
ps
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package Thermal Resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
ψ
JB
uses a 4-layer and
θ
JA in still air unless otherwise stated.
4. ICC = 48mA for worst-case conditions with IMOD = 90mA, TA = +85°C, VCC = 3.6.
5.
Load = 15Ω.
6. Assuming VCC = 3.0V, Laser bandgap voltage = 1V, laser package inductance = 1nH, laser equivalent ser
ies resistor = 5Ω, and damping
resistor = 10Ω.


Similar Part No. - SY88982L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88982L MICREL-SY88982L Datasheet
2Mb / 10P
   3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
SY88982LMG MICREL-SY88982LMG Datasheet
2Mb / 10P
   3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
SY88982LMGTR MICREL-SY88982LMGTR Datasheet
2Mb / 10P
   3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
More results

Similar Description - SY88982L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88982L MICREL-SY88982L Datasheet
2Mb / 10P
   3.3V, 2.7Gbps High Current, Low Power Laser Driver for FP/DFB Lasers
SY88782L MICREL-SY88782L_10 Datasheet
661Kb / 8P
   3.3V, 1.25Gbps High-Current, Low-Power
SY55859L MICREL-SY55859L Datasheet
83Kb / 9P
   3.3V, 2.7Gbps DUAL 2X2 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX3735A MAXIM-MAX3735A Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Driver
2013
MAX3850 MAXIM-MAX3850 Datasheet
901Kb / 14P
   2.7Gbps, 3.3V DC-Coupled Laser Driver
Rev 1; 5/03
MAX3840 MAXIM-MAX3840_07 Datasheet
130Kb / 8P
   3.3V, 2.7Gbps Dual 2 ✕ 2 Crosspoint Switch
Rev 5; 9/07
MAX3735 MAXIM-MAX3735 Datasheet
1Mb / 18P
   2.7Gbps, Low-Power SFP Laser Drivers
19-2529; Rev 1; 4/03
logo
Micrel Semiconductor
SY88952L MICREL-SY88952L Datasheet
60Kb / 7P
   3.3V, 2.7Gbps SDH/SONET LASER DRIVER WITH AUTOMATIC POWER CONTROL
logo
Maxim Integrated Produc...
MAX3840 MAXIM-MAX3840 Datasheet
388Kb / 10P
   3.3V, 2.7Gbps Dual 2 . 2 Crosspoint Switch
19-1854; Rev 1; 11/01
MAX3873 MAXIM-MAX3873 Datasheet
812Kb / 12P
   Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC
Rev 2; 5/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com