Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88993AV Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY88993AV
Description  5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER SY88993AV
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88993AV Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY88993AV_07 Datasheet HTML 1Page - Micrel Semiconductor SY88993AV_07 Datasheet HTML 2Page - Micrel Semiconductor SY88993AV_07 Datasheet HTML 3Page - Micrel Semiconductor SY88993AV_07 Datasheet HTML 4Page - Micrel Semiconductor SY88993AV_07 Datasheet HTML 5Page - Micrel Semiconductor SY88993AV_07 Datasheet HTML 6Page - Micrel Semiconductor SY88993AV_07 Datasheet HTML 7Page - Micrel Semiconductor SY88993AV_07 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SY88993AV
Micrel, Inc.
M9999-091207
hbwhelp@micrel.com or (408) 955-1690
General
The SY88993AV is an integrated limiting amplifier
intended for high-frequency fiber-optic applications. The
circuit connects to typical transimpedance amplifiers found
within a fiber-optics link. The linear signal output from a
transimpedance amplifier can contain significant amounts
of noise, and may vary in amplitude over time. The
SY88993AV limiting amplifier quantizes the signal and
outputs a voltage-limited waveform.
The /EN pin allows the user to disable the output signal
without removing the input signal.
GENERAL DESCRIPTION
Symbol
Rating
Value
Unit
VCC
Power Supply Voltage
0 to +7.0
V
DIN, /DIN
Input Voltage
0 to V
CC
V
TA
Operating Temperature Range
–40 to +85
°C
TSTORE
Storage Temperature Range
–55 to +85
°C
ABSOLUTE MAXIMUM RATINGS(1)
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
Pin
Type
Function
D
IN
Data Input
Data Input
/D
IN
Data Input
Inverting Data Input
LOS
LVL
Input
Loss of Signal Level Set
/EN
TTL Input
Output Enable (Active Low)
LOS
TTL Output
Loss of Signal Indicator
(Open Collector)
(Active High)
GND
Ground
Ground
D
OUT
CML Output
Data Output
/D
OUT
CML Output
Inverting Data Output
V
CC
Power Supply
Positive Power Supply
V
REF
Output
Reference Voltage Output
for LOS Level Set (see Fig. 3)
PIN NAMES
PACKAGE/ORDERING INFORMATION
10-Pin MSOP (K10-1)
Ordering Information
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY88993AVKI
K10-1
Industrial
993A
Sn-Pb
SY88993AVKITR(1)
K10-1
Industrial
993A
Sn-Pb
SY88993AVKG
K10-1
Industrial
993A with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY88993AVKGTR(1)
K10-1
Industrial
993A with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Note:
1.
Tape and Reel.
1
/EN
DIN
/DIN
VREF
LOSLVL
10 VCC
DOUT
/DOUT
LOS
GND
9
8
7
6
2
3
4
5
MSOP
K10-1


Similar Part No. - SY88993AV_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993AV MICREL-SY88993AV_05 Datasheet
486Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results

Similar Description - SY88993AV_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88993V MICREL-SY88993V Datasheet
70Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV_05 Datasheet
486Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993V MICREL-SY88993V_05 Datasheet
65Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88993AV MICREL-SY88993AV Datasheet
72Kb / 9P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923AV MICREL-SY88923AV Datasheet
68Kb / 8P
   5V/3.3V 3.2Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88903V MICREL-SY88903V_06 Datasheet
465Kb / 6P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88913V MICREL-SY88913V_10 Datasheet
419Kb / 7P
   5V/3.3V 1.25Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com