Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89295UMITR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89295UMITR
Description  2.5V/3.3V 1.5GHz Precision LVPECL
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89295UMITR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89295UMITR Datasheet HTML 6Page - Micrel Semiconductor SY89295UMITR Datasheet HTML 7Page - Micrel Semiconductor SY89295UMITR Datasheet HTML 8Page - Micrel Semiconductor SY89295UMITR Datasheet HTML 9Page - Micrel Semiconductor SY89295UMITR Datasheet HTML 10Page - Micrel Semiconductor SY89295UMITR Datasheet HTML 11Page - Micrel Semiconductor SY89295UMITR Datasheet HTML 12Page - Micrel Semiconductor SY89295UMITR Datasheet HTML 13Page - Micrel Semiconductor SY89295UMITR Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
SY89295U
March 2011
10
M9999-032511
hbwhelp@micrel.com
Typical Operating Characteristics
VCC = 3.3V, GND = 0, DIN = 100mV, TA = 25ºC, unless otherwise stated.
or (408) 955-1690


Similar Part No. - SY89295UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89295UMITR MICREL-SY89295UMITR Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY89295UMITR MICREL-SY89295UMITR Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
More results

Similar Description - SY89295UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89296U MICREL-SY89296U_11 Datasheet
468Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL Programmable Delay
SY89295U MICREL-SY89295U_06 Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
SY89296U MICREL-SY89296U Datasheet
618Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
logo
Pericom Semiconductor C...
NX502 PERICOM-NX502 Datasheet
834Kb / 2P
   2.5V/3.3V LVPECL XO
NX252 PERICOM-NX252 Datasheet
691Kb / 2P
   2.5V/3.3V LVPECL XO
NX322 PERICOM-NX322 Datasheet
667Kb / 2P
   2.5V/3.3V LVPECL XO
JX322 PERICOM-JX322 Datasheet
635Kb / 2P
   2.5V/3.3V LVPECL XO
NX702 PERICOM-NX702 Datasheet
806Kb / 2P
   2.5V/3.3V LVPECL XO
JX702 PERICOM-JX702 Datasheet
712Kb / 2P
   2.5V/3.3V LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com