Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89228U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89228U
Description  1GHz Precision, LVPECL 첨3, 첨5 Clock Divider
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89228U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89228U_10 Datasheet HTML 2Page - Micrel Semiconductor SY89228U_10 Datasheet HTML 3Page - Micrel Semiconductor SY89228U_10 Datasheet HTML 4Page - Micrel Semiconductor SY89228U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89228U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89228U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89228U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89228U_10 Datasheet HTML 9Page - Micrel Semiconductor SY89228U_10 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Micrel, Inc.
SY89228U
August 2007
M9999-080707-A
hbwhelp@micrel.com or (408) 955-1690
6
AC Electrical Characteristics
(8)
VCC = 2.5V ±5% or 3.3V ±10%; RL = 50
Ω to V
CC-2V; TA = –40°C to + 85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Input Operating
Frequency
VOUT
≥ 200mV
1.0
1.5
GHz
tw
Minimum Pulse Width
IN, /IN
400
ps
tpd
Differential Propagation Delay
In-to-Q
100mV < VIN
≤ 200mV, Note 9
900
1150
1500
ps
In-to-Q
200mV < VIN
≤ 800mV, Note 9
800
1050
1400
ps
/MR(H-L)-to-Q
350
570
850
ps
tRR
Reset Recovery Time
/MR(L-H)-to-IN
300
ps
tS EN
Set-up Time
EN-to-IN
Note 10
300
ps
tH EN
Hold Time
IN-to-EN
Note 10
800
ps
tskew
Part-to-Part Skew
Note 10
450
ps
tJITTER
Clock
Random Jitter
Note 11
1
psRMS
Cycle-to-Cycle Jitter
Note 12
1
psRMS
Total Jitter
Note 13
10
psPP
tr, tf
Output Rise/Fall Time (20% to
80%)
At full output swing.
100
270
ps
Output Duty Cycle(÷ 3)
Duty Cycle(input): 50%; f
≤1GHz;
Note 14
46
54
%
Output Duty Cycle(÷ 5)
Duty Cycle(input): 50%; f
≤1GHz;
Note 14
47
53
%
Notes:
8. High-frequency AC-parameters are guaranteed by design and characterization.
9. The propagation delay is function of the rise and fall times at IN. Input tr / tf
≤ 300ps (20% to 80%). See “Typical Operating Characteristics”
for details.
10. Set-up and hold times apply to synchronous applications that intend to enable/disable before the next clock cycle. For asynchronous
applications, set-up and hold do not apply.
11. Random Jitter is measured with a K28.7 character pattern, measured at <fMAX.
12. Cycle-to-Cycle Jitter definition: the variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising edges of the
output signal.
13. Total Jitter definition: with an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.
14. For Input Duty Cycle different from 50%, see “Output Duty Cycle Equation” in “Functional Description” subsection.


Similar Part No. - SY89228U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89228UMG MICREL-SY89228UMG Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY89228UMGTR MICREL-SY89228UMGTR Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
More results

Similar Description - SY89228U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89230U MICREL-SY89230U_10 Datasheet
457Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89230U MICREL-SY89230U Datasheet
465Kb / 15P
   3.2GHz Precision, LVPECL 첨3, 첨5 Clock Divider
SY89228U MICREL-SY89228U Datasheet
603Kb / 16P
   1GHz Precision, LVPECL 첨3, 첨5 Clock Divider with Fail-Safe Input and Internal Termination
SY89231U MICREL-SY89231U Datasheet
446Kb / 15P
   3.2GHz Precision, LVDS 첨3, 첨5 Clock Divider
SY89229U MICREL-SY89229U Datasheet
516Kb / 16P
   1GHz Precision, LVDS 첨3, 첨5 Clock Divider with Fail Safe Input and Internal Termination
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
   1.8V LVPECL Clock Divider
0 Mar 2020
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
   1.8V LVPECL Clock Divider
8T73S208A-01 IDT-8T73S208A-01_16 Datasheet
438Kb / 24P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
logo
Renesas Technology Corp
8T73S208A-01 RENESAS-8T73S208A-01 Datasheet
878Kb / 25P
   2.5V, 3.3V Differential LVPECL Clock Divider and Buffer
05/20/16
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com