Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89297U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89297U
Description  2.5/3.3V, 3.2Gbps Precision CML
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89297U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89297U Datasheet HTML 2Page - Micrel Semiconductor SY89297U Datasheet HTML 3Page - Micrel Semiconductor SY89297U Datasheet HTML 4Page - Micrel Semiconductor SY89297U Datasheet HTML 5Page - Micrel Semiconductor SY89297U Datasheet HTML 6Page - Micrel Semiconductor SY89297U Datasheet HTML 7Page - Micrel Semiconductor SY89297U Datasheet HTML 8Page - Micrel Semiconductor SY89297U Datasheet HTML 9Page - Micrel Semiconductor SY89297U Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Micrel, Inc.
SY89297U
December 2011
6
M9999-120211-C
hbwhelp@micrel.com or (408) 955-1690
CML Outputs DC Electrical Characteristics(6)
VCC = +2.5V +5% or +3.3V ±10%, RL = 100Ω across the outputs; TA = −40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOH
Output HIGH Voltage
RL = 50Ω to VCC
VCC−0.020
VCC−0.010
VCC
V
VOUT
Output Voltage Swing
See Figure 5a
325
400
mV
VDIFF_OUT
Differential Output Voltage Swing
See Figure 5b
650
800
mV
ROUT
Output Source Impedance
45
50
55
LVTTL/CMOS DC Electrical Characteristics(6)
VCC = +2.5V +5% or 3.3V ±10%, TA = −40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
VIH = VCC
150
µA
IIL
Input LOW Current
VIL = 0.8V
50
µA
VOL
Output LOW Voltage
SOUT Pin; IOL=1mA
0.55
V
Output High Leakage Current
SOUT = VCC
100
µA
Note:
6. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
AC Electrical Characteristics(7)
TA = −40°C to +85°C, Channels A and B, unless otherwise stated.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
fMAX
Maximum Operating Frequency
Clock: Vout Swing >200mVpk
1.6
GHz
NRZ Data
3.2
Gbps
tpd
Propagation Delay
IN to Q; D[0–9]=0
IN to Q; D[0–9]=1023
/EN to Q: D[0–9]=0; VTH = VCC/2
SDATA to SOUT (D0–D9=Low),
No load
1000
5500
1000
2000
2000
7500
2500
4500
ps
tRANGE
Programmable Range
tpd (max) – tpd (min)
4150
5115
ps
tSKEW
Duty Cycle Skew
tPHL – tPLH Note 8
45
55
%


Similar Part No. - SY89297U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89295U MICREL-SY89295U Datasheet
169Kb / 10P
   2.5V / 3.3V 1.5 GHZ PRECISION LVPECL PROGRAMMABLE DELAY
SY89295U MICREL-SY89295U Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
SY89295U MICREL-SY89295U Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
SY89295UMG MICREL-SY89295UMG Datasheet
165Kb / 15P
   2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY
SY89295UMG MICREL-SY89295UMG Datasheet
638Kb / 17P
   2.5V/3.3V 1.5GHz Precision LVPECL
More results

Similar Description - SY89297U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58621L MICREL-SY58621L_10 Datasheet
1Mb / 20P
   Precision 3.2Gbps CML/LVPECL Backplane
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88315BL MICREL-SY88315BL_10 Datasheet
330Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88289AL MICREL-SY88289AL_10 Datasheet
296Kb / 9P
   3.3V, 3.2Gbps CML Low-Power Limiting
SY88345BL MICREL-SY88345BL_10 Datasheet
315Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
SY88313BL MICREL-SY88313BL_10 Datasheet
327Kb / 10P
   3.3V, 3.2Gbps CML Low-Power Limiting Post
logo
Pericom Semiconductor C...
NX506 PERICOM-NX506 Datasheet
822Kb / 2P
   2.5/3.3V CML XO
logo
Micrel Semiconductor
SY88973BL MICREL-SY88973BL_10 Datasheet
490Kb / 11P
   3.3V 3.2Gbps CML Low Power Limiting Post
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com