Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89540UMYTR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY89540UMYTR
Description  Precision Low Jitter 4x4 LVDS Crosspoint
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89540UMYTR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY89540UMYTR Datasheet HTML 3Page - Micrel Semiconductor SY89540UMYTR Datasheet HTML 4Page - Micrel Semiconductor SY89540UMYTR Datasheet HTML 5Page - Micrel Semiconductor SY89540UMYTR Datasheet HTML 6Page - Micrel Semiconductor SY89540UMYTR Datasheet HTML 7Page - Micrel Semiconductor SY89540UMYTR Datasheet HTML 8Page - Micrel Semiconductor SY89540UMYTR Datasheet HTML 9Page - Micrel Semiconductor SY89540UMYTR Datasheet HTML 10Page - Micrel Semiconductor SY89540UMYTR Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Micrel, Inc.
SY89540U
December 2007
M9999-120607-C
hbwhelp@micrel.com or (408) 955-1690
7
LVDS Outputs DC Electrical Characteristics
VCC = 2.5V ±5%, TA = –40°C to +85°C, RL = 100Ω across Q and /Q, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOH
Output HIGH Voltage
(Q, /Q)
1.475
V
VOL
Output LOW Voltage
(Q, /Q)
0.925
V
VOUT
Output Voltage Swing
(Q, /Q)
See Figure 1a.
250
350
mV
VDIFF_OU
T
Differential Output Voltage Swing
|Q – /Q|
See Figure 1b.
500
700
mV
VOCM
Output Common Mode Voltage
(Q, /Q)
See Figure 4b.
1.125
1.275
V
ΔVOCM
Change in Common Mode Voltage
(Q, /Q)
See Figure 4b.
–50
+50
mV
LVTTL/CMOS DC Electrical Characteristics
VCC = 2.5V ±5%, TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
0.8
V
IIH
Input HIGH Current
–125
30
µA
IIL
Input LOW Current
VIL = 0V
–300
µA


Similar Part No. - SY89540UMYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540UMG MICREL-SY89540UMG Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMGTR MICREL-SY89540UMGTR Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMI MICREL-SY89540UMI Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
SY89540UMITR MICREL-SY89540UMITR Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
More results

Similar Description - SY89540UMYTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89540U MICREL-SY89540U Datasheet
775Kb / 13P
   Precision Low Jitter 4x4 LVDS Crosspoint Switch with Internal Termination
logo
Texas Instruments
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP154A NSC-DS10CP154A Datasheet
347Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
DS90CP04 NSC-DS90CP04_07 Datasheet
403Kb / 18P
   1.5 Gbps 4x4 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com