Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89544U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89544U
Description  2.5V, 3.2Gbps, DIFFERENTIAL 4:1
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89544U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89544U_08 Datasheet HTML 2Page - Micrel Semiconductor SY89544U_08 Datasheet HTML 3Page - Micrel Semiconductor SY89544U_08 Datasheet HTML 4Page - Micrel Semiconductor SY89544U_08 Datasheet HTML 5Page - Micrel Semiconductor SY89544U_08 Datasheet HTML 6Page - Micrel Semiconductor SY89544U_08 Datasheet HTML 7Page - Micrel Semiconductor SY89544U_08 Datasheet HTML 8Page - Micrel Semiconductor SY89544U_08 Datasheet HTML 9Page - Micrel Semiconductor SY89544U_08 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Precision Edge®
SY89544U
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
IN0
IN1
IN2
IN3
SEL0
SEL1
Q
/Q
0X
X
X
0
0
0
1
1X
X
X
0
0
1
0
X0
X
X
1
0
0
1
X1
X
X
1
0
1
0
XX
0
X
0
1
0
1
XX
1
X
0
1
1
0
XX
X
0
1
1
0
1
XX
X
1
1
1
1
0
SINGLE-ENDED AND DIFFERENTIAL SWINGS
VIN,
VOUT 350mV (Typ.)
Figure 1a. Single-Ended Voltage Swing
VDIFF_IN,
VDIFF_OUT 700mV (Typ.)
Figure 1b. Differential Voltage Swing
TIMING DIAGRAM
IN
/IN
Q
/Q
tpd
SEL
SEL-to-Q
Q
/Q
tpd
Figure 2. Timing Diagram
TRUTH TABLE


Similar Part No. - SY89544U_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89544UMG MICREL-SY89544UMG Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89544UMGTR MICREL-SY89544UMGTR Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89544UMI MICREL-SY89544UMI Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89544UMITR MICREL-SY89544UMITR Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
More results

Similar Description - SY89544U_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89546U MICREL-SY89546U_11 Datasheet
787Kb / 14P
   2.5V, 3.2Gbps Differential 4:1 LVDS
SY89544U MICREL-SY89544U Datasheet
311Kb / 10P
   2.5V, 3.2Gbps, DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH INTERNAL INPUT TERMINATION
SY89546U MICREL-SY89546U_08 Datasheet
161Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89542U MICREL-SY89542U_07 Datasheet
346Kb / 10P
   2.5V, 3.2Gbps DUAL, DIFFERENTIAL 2:1 LVDS MULTIPLEXER WITH INTERNAL TERMINATION
SY89545L MICREL-SY89545L_08 Datasheet
165Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89545L MICREL-SY89545L Datasheet
160Kb / 10P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with INTERNAL INPUT TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY54020AR MICREL-SY54020AR Datasheet
552Kb / 14P
   Low Voltage 1.2V/1.8V/2.5V CML 1:4 Fanout Buffer with /EN 3.2Gbps, 3.2GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com