Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89838UMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89838UMGTR
Description  Precision 1:8 LVDS Clock Fanout Buffer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89838UMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89838UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89838UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89838UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89838UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89838UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89838UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89838UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89838UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89838UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Micrel, Inc.
SY89838U
May 2008
M9999-051308-D
hbwhelp@micrel.com or (408) 955-1690
5
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ...........................-0.5V to +4.0V
Input Voltage (VIN) .................................. -0.5V to VCC
Input Current
Source or sink current on IN, /IN.............. ±50mA
Termination Current
Source or sink current on VT .................. ±100mA
VREF-AC Source or sink current .......................... ±2mA
Lead Temperature (soldering, 20 sec.) ..........+260°C
Storage Temperature (Ts)..................–65°C to 150°C
Operating Ratings
(2)
Supply Voltage (VCC).................. +2.375V to +2.625V
Ambient Temperature (TA) ................ –40°C to +85°C
Package Thermal Resistance
(3)
QFN (
θJA)
Still-Air .....................................................35°C/W
QFN (
ψJB)
Junction-to-Board ....................................16°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
2.375
2.5
2.625
V
ICC
Power Supply Current
No load, max. VCC
250
350
mA
RIN
Input Resistance
(IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input High Voltage
(IN, /IN)
1.2
VCC
V
VIL
Input Low Voltage
(IN, /IN)
0
VIH–0.2
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 1a. Note 5
0.2
VCC
V
VDIFF_IN
Differential Input Voltage Swing
|IN-/IN|
See Figure 1b.
0.4
V
VIN_FSI
Input Voltage Threshold that
Triggers FSI
30
100
mV
VT_IN
IN-to-VT
(IN, /IN)
1.8
V
VREF-AC
Output Reference Voltage
VCC–1.3
VCC–1.2
VCC–1.1
V
Notes:
1.
Permanent device damage may occur if the absolute maximum ratings are exceeded. This is a stress rating only and functional operation
is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3.
Package Thermal Resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
θJA
and
ψJB values are determined for a 4-layer board in still air, unless otherwise stated.
4.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5.
VIN (max) is specified when VT is floating.


Similar Part No. - SY89838UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89838UMGTR MICREL-SY89838UMGTR Datasheet
417Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX
More results

Similar Description - SY89838UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89200U MICREL-SY89200U_10 Datasheet
493Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer
logo
Cypress Semiconductor
CY2DP818 CYPRESS-CY2DP818_12 Datasheet
414Kb / 13P
   1:8 Clock Fanout Buffer
CY2DL818 CYPRESS-CY2DL818 Datasheet
113Kb / 8P
   1:8 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2_08 Datasheet
410Kb / 9P
   1:8 Clock Fanout Buffer
CY2DP818 CYPRESS-CY2DP818 Datasheet
92Kb / 8P
   1:8 Clock Fanout Buffer
CY2DP818-2 CYPRESS-CY2DP818-2 Datasheet
132Kb / 8P
   1:8 Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8SLVD1208-33I RENESAS-IDT8SLVD1208-33I Datasheet
747Kb / 22P
   1:8, LVDS Output Fanout Buffer
FEBRUARY 12, 2014
IDT8SLVD1208I RENESAS-IDT8SLVD1208I Datasheet
656Kb / 21P
   1:8, LVDS Output Fanout Buffer
MAY 1, 2013
logo
Micrel Semiconductor
SY58608U MICREL-SY58608U_10 Datasheet
677Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer
logo
Renesas Technology Corp
8T349316 RENESAS-8T349316 Datasheet
598Kb / 20P
   2.5V LVDS 1:16 Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com