Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89840UMGTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY89840UMGTR
Description  Precision LVPECL Runt Pulse Eliminator 2:1
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89840UMGTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY89840UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89840UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89840UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89840UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89840UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89840UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89840UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89840UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89840UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Micrel, Inc.
SY89840U
February 2005
5
M9999-021705
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)..............................................–0.5V to +4.0V
Input Voltage (VIN)......................................................–0.5V to VCC
LVPECL Output Current (IOUT)
Continuous ......................................................... ±50mA
Surge................................................................ ±100mA
Termination Current
Source/Sink Current on VT ........................................ ±100mA
Source/Sink Current on IN, /IN.................................... ±50mA
VREF-AC Current
Source/sink current on VREF-AC ...................................... ±2mA
Lead Temperature (soldering, 20 sec.) ..............................+260°C
Storage Temperature (Ts).................................... –65°C to 150
°C
Operating Ratings
(2)
Supply Voltage (VCC) .............................+2.375V to +2.625V
.............................................................. +3.0V to +3.6V
Ambient Temperature (TA)........................... –40°C to +85°C
Package Thermal Resistance
(3)
QFN (
θJA)
Still-Air ............................................................... 60°C/W
QFN (
ΨJB)
Junction-to-Board .............................................. 33°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C; unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
2.375
3.0
2.625
3.6
V
V
ICC
Power Supply Current
No load, max VCC.
65
95
mA
RIN
Input Resistance
(IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input High Voltage
(IN, /IN)
1.2
VCC
V
VIL
Input Low Voltage
(IN, /IN)
0
VIH–0.1
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 1a. Note 5
0.1
VCC
V
VDIFF_IN
Differential Input Voltage Swing
|IN-/IN|
See Figure 1b.
0.2
V
VIN_FSI
Input Voltage Threshold that Triggers
FSI
30
100
mV
VT_IN
IN-to-VT
(IN, /IN)
1.28
V
VREF-AC
Output Reference Voltage
VCC–1.3
VCC–1.2
VCC–1.1
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package Thermal Resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
θJA and ΨJB
values are determined for a 4-layer board in still air unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. VIN (max) is specified when VT is floating.


Similar Part No. - SY89840UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89840UMGTR MICREL-SY89840UMGTR Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
More results

Similar Description - SY89840UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89843U MICREL-SY89843U_10 Datasheet
688Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1
SY89840U MICREL-SY89840U Datasheet
1Mb / 15P
   Precision LVPECL Runt Pulse Eliminator 2:1 Multiplexer
SY89844U MICREL-SY89844U_10 Datasheet
596Kb / 18P
   Precision LVDS Runt Pulse Eliminator 2:1
SY89842U MICREL-SY89842U_10 Datasheet
660Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1
SY89841U MICREL-SY89841U Datasheet
1Mb / 15P
   Precision LVDS Runt Pulse Eliminator 2:1 Multiplexer
SY89845U MICREL-SY89845U_10 Datasheet
602Kb / 18P
   Precision CML Runt Pulse Eliminator 2:1 MUX
SY89842U MICREL-SY89842U Datasheet
668Kb / 16P
   Precision CML Runt Pulse Eliminator 2:1 Multiplexer
SY89837U MICREL-SY89837U Datasheet
183Kb / 14P
   PRECISION 1:8 LVPECL FANOUT BUFFER WITH 2:1 RUNT PULSE ELIMINATOR INPUT MUX
SY89464 MICREL-SY89464 Datasheet
1Mb / 10P
   Precision LVPECL/LVDS Runt Pulse Eliminator 1:10 Fanout Buffer with 2:1 MUX
SY89843U MICREL-SY89843U Datasheet
745Kb / 17P
   Precision LVPECL Runt Pulse Eliminator 2:1 MUX with 1:2 Fanout and Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com