Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89846UMGTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89846UMGTR
Description  1.5GHz Precision, LVPECL 1:5 Fanout with 2:1
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89846UMGTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89846UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89846UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89846UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89846UMGTR Datasheet HTML 9Page - Micrel Semiconductor SY89846UMGTR Datasheet HTML 10Page - Micrel Semiconductor SY89846UMGTR Datasheet HTML 11Page - Micrel Semiconductor SY89846UMGTR Datasheet HTML 12Page - Micrel Semiconductor SY89846UMGTR Datasheet HTML 13Page - Micrel Semiconductor SY89846UMGTR Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Micrel, Inc.
SY89846U
July 2011
M9999-071811B
hbwhelp@micrel.com or (408) 955-1690
10
Typical Operating Characteristics
VCC = 3.3V, GND = 0V, tr / tf ≤ 300ps, VIN = 100mV, RL = 50Ω to VCC–2V; TA = 25°C, unless otherwise stated.


Similar Part No. - SY89846UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89846UMGTR MICREL-SY89846UMGTR Datasheet
702Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
More results

Similar Description - SY89846UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89847U MICREL-SY89847U_10 Datasheet
594Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1
SY89846U MICREL-SY89846U Datasheet
702Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY89464U MICREL-SY89464U_10 Datasheet
720Kb / 19P
   Precision LVPECL 1:10 Fanout with 2:1 Runt
SY58607U MICREL-SY58607U_10 Datasheet
659Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout
SY89473U MICREL-SY89473U Datasheet
565Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89473U MICREL-SY89473U_07 Datasheet
572Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2 Fanout and Internal Termination
SY89847U MICREL-SY89847U Datasheet
588Kb / 15P
   1.5GHz Precision, LVDS 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY89221U_0708 MICREL-SY89221U_0708 Datasheet
834Kb / 17P
   Precision 1:15 LVPECL Fanout Buffer with
SY89202U MICREL-SY89202U_10 Datasheet
625Kb / 13P
   Precision 1:8 LVPECL Fanout Buffer with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com