Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89850U Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY89850U
Description  Precision Low-Power LVPECL Line
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89850U Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SY89850U Datasheet HTML 2Page - Micrel Semiconductor SY89850U Datasheet HTML 3Page - Micrel Semiconductor SY89850U Datasheet HTML 4Page - Micrel Semiconductor SY89850U Datasheet HTML 5Page - Micrel Semiconductor SY89850U Datasheet HTML 6Page - Micrel Semiconductor SY89850U Datasheet HTML 7Page - Micrel Semiconductor SY89850U Datasheet HTML 8Page - Micrel Semiconductor SY89850U Datasheet HTML 9Page - Micrel Semiconductor SY89850U Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Micrel, Inc.
SY89850U
August 2007
9
M9999-083007-B
hbwhelp@micrel.com or (408) 955-1690
Output Interface Applications
LVPECL has a high input impedance, a very low
output impedance (open emitter), and a small signal
swing which results in low EMI. LVPECL is ideal for
driving
50
Ω - and 100
Ω -controlled
impedance
transmission lines. There are several techniques for
terminating the LVPECL output: Parallel Termination-
Thevenin Equivalent, Parallel Termination (3-resistor),
and AC-coupled Termination. Unused output pairs
may be left floating. However, single-ended outputs
must be terminated, or balanced.
Note:
1.
For +2.5V systems, R1 = 250
Ω, R2 = 62.5Ω.
Figure 4a. Parallel Termination-Thevenin Equivalent
Notes:
1. Power-saving alternative to Thevenin termination.
2. Place termination resistors as close to destination inputs as possible.
3. Rb resistor sets the DC bias voltage, equal to VT.
4. For 2.5V systems, Rb = 19
Ω.
Figure 4b. Parallel Termination (3-Resistor)
Related Product and Support Documentation
Part Number
Function
Data Sheet Link
SY58601U
Ultra-Precision Differential 800mV LVPECL
Line Driver/Receiver with Internal Termination
www.micrel.com/product-info/products/sy58601u.shtml
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml


Similar Part No. - SY89850U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
SY89850UMG MICREL-SY89850UMG Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
SY89850UMGTR MICREL-SY89850UMGTR Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
More results

Similar Description - SY89850U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
SY89858U MICREL-SY89858U_10 Datasheet
583Kb / 10P
   Precision Low Power 1:8 LVPECL
SY89854U MICREL-SY89854U_10 Datasheet
520Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout
SY89855U MICREL-SY89855U_10 Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC1102 MICREL-DSC1102 Datasheet
599Kb / 7P
   Low-Jitter Precision LVPECL Oscillator
SY89853U MICREL-SY89853U_10 Datasheet
577Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX
SY58602U MICREL-SY58602U Datasheet
667Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER
SY58601U MICREL-SY58601U Datasheet
133Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 800mV LVPECL LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com