Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89852U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89852U
Description  Precision Low Power Differential 2:1
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89852U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY89852U Datasheet HTML 2Page - Micrel Semiconductor SY89852U Datasheet HTML 3Page - Micrel Semiconductor SY89852U Datasheet HTML 4Page - Micrel Semiconductor SY89852U Datasheet HTML 5Page - Micrel Semiconductor SY89852U Datasheet HTML 6Page - Micrel Semiconductor SY89852U Datasheet HTML 7Page - Micrel Semiconductor SY89852U Datasheet HTML 8Page - Micrel Semiconductor SY89852U Datasheet HTML 9Page - Micrel Semiconductor SY89852U Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
SY89852U
October 2008
M9999-100208-D
hbwhelp@micrel.com or (408) 955-1690
6
AC Electrical Characteristics
(8)
VCC = 2.5V ±5% or 3.3V ±10%; TA = –40°C to + 85°C, RL = 50
Ω to V
CC –2V, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
NRZ Data
2.5
3.2
Gbps
Clock, VOUT
≥ 400mV
2.5
3.5
GHz
tPD
Propagation Delay
IN-to-Q, /IN-to-Q
SEL-to-Q
VIN
≥ 100mV
140
100
230
250
340
400
ps
ps
tPD
Tempco
Differential Propagation Delay Temperature
Coefficient
100
fs/
oC
tJitter
Data
Random Jitter (RJ)
Note 9
1
psRMS
Deterministic Jitter (DJ)
Note 10
10
psRMS
Clock
Cycle-to-Cycle Jitter
Note 11
1
psPP
Total Jitter
Note 12
10
psRMS
Crosstalk-induced Jitter
Note 13
0.7
psRMS
tr, tf
Output Rise/Fall Time (20% to 80%)
At full output swing.
50
100
180
ps
Notes:
8. High-frequency AC-parameters are guaranteed by design and characterization.
9. Random jitter is measured with a K28.7 character pattern, measured at 2.5Gbps.
10. DJ is measured at 2.5Gbps, with both K28.5 and 2
23 – 1 PRBS pattern.
11. Cycle-to-cycle jitter definition: The variation of periods between adjacent cycles, Tn – Tn-1 where T is the time between rising edges of the
output signal.
12. Total jitter definition: With an ideal clock input of frequency <fMAX, no more than one output edge in 10
12 output edges will deviate by more
than the specified peak-to-peak jitter value.
13. Crosstalk induced jitter is defined as the added jitter that results from signals applied to two adjacent channels. It is measured at the output
while applying two similar, differential clock frequencies that are asynchronous with respect to each other at the inputs.


Similar Part No. - SY89852U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY89852UMG MICREL-SY89852UMG Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY89852UMGTR MICREL-SY89852UMGTR Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
More results

Similar Description - SY89852U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89855U MICREL-SY89855U_10 Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY89853U MICREL-SY89853U_10 Datasheet
577Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX
logo
Analog Devices
LTC6363 AD-LTC6363 Datasheet
735Kb / 40P
   Precision, Low Power Differential Amplifier/ADC
logo
Micrel Semiconductor
SY58028U_0708 MICREL-SY58028U_0708 Datasheet
158Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11 Datasheet
83Kb / 3P
   Low Voltage 1:2 Differential Fanout Buffer
1996 Rev 0
logo
Micrel Semiconductor
SY58018U_0708 MICREL-SY58018U_0708 Datasheet
173Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58030U_0708 MICREL-SY58030U_0708 Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com