Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89850U Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89850U
Description  Precision Low-Power LVPECL Line
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89850U Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89850U_10 Datasheet HTML 2Page - Micrel Semiconductor SY89850U_10 Datasheet HTML 3Page - Micrel Semiconductor SY89850U_10 Datasheet HTML 4Page - Micrel Semiconductor SY89850U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89850U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89850U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89850U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89850U_10 Datasheet HTML 9Page - Micrel Semiconductor SY89850U_10 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Micrel, Inc.
SY89850U
August 2007
8
M9999-083007-B
hbwhelp@micrel.com or (408) 955-1690
Input and Output Stages
Figure 2a. Simplified Differential Input Stage
Figure 2b. Simplified LVPECL Output Stage
Input Interface Applications
Figure 3a. LVPECL Interface
(DC-Coupled)
Figure 3b. LVPECL Interface
(AC-Coupled)
Option: may connect VT to VCC
Figure 3c. CML Interface
(DC-Coupled)
Figure 3d. CML Interface
(AC-Coupled)
Figure 3e. LVDS Interface
(DC-Coupled)


Similar Part No. - SY89850U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89850UMG MICREL-SY89850UMG Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
SY89850UMGTR MICREL-SY89850UMGTR Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
More results

Similar Description - SY89850U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89850U MICREL-SY89850U Datasheet
561Kb / 10P
   Precision Low-Power LVPECL Line Driver/Receiver with Internal Termination
SY89858U MICREL-SY89858U_10 Datasheet
583Kb / 10P
   Precision Low Power 1:8 LVPECL
SY89854U MICREL-SY89854U_10 Datasheet
520Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout
SY89855U MICREL-SY89855U_10 Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
logo
EUROQUARTZ limited
EMEM1102 EUROQUARTZ-EMEM1102 Datasheet
428Kb / 4P
   Low Jitter Precision LVPECL Oscillator
logo
Microchip Technology
DSC1102 MICROCHIP-DSC1102 Datasheet
1Mb / 28P
   Low-Jitter Precision LVPECL Oscillator
05/14/19
logo
Micrel Semiconductor
DSC1102 MICREL-DSC1102 Datasheet
599Kb / 7P
   Low-Jitter Precision LVPECL Oscillator
SY89853U MICREL-SY89853U_10 Datasheet
577Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX
SY58602U MICREL-SY58602U Datasheet
667Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL LINE DRIVER/RECEIVER
SY58601U MICREL-SY58601U Datasheet
133Kb / 10P
   ULTRA-PRECISION DIFFERENTIAL 800mV LVPECL LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com