Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89855U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89855U
Description  Precision Low Power Differential LVPECL 4:1
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89855U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89855U Datasheet HTML 1Page - Micrel Semiconductor SY89855U Datasheet HTML 2Page - Micrel Semiconductor SY89855U Datasheet HTML 3Page - Micrel Semiconductor SY89855U Datasheet HTML 4Page - Micrel Semiconductor SY89855U Datasheet HTML 5Page - Micrel Semiconductor SY89855U Datasheet HTML 6Page - Micrel Semiconductor SY89855U Datasheet HTML 7Page - Micrel Semiconductor SY89855U Datasheet HTML 8Page - Micrel Semiconductor SY89855U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
SY89855U
August 2007
4
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VCC)............................–0.5V to +4.0V
Input Voltage (VIN) ....................................–0.5V to VCC
LVPECL Output Current (IOUT)
Continuous................................................. ±50mA
Surge ....................................................... ±100mA
Termination Current
Source or Sink Current on VT .................. ±100mA
Input Current
Source or Sink Current on IN, /IN.............. ±50mA
Current (VREF-AC)
Source or Sink Current on VREF-AC ............... ±2mA
Lead Temperature (soldering, 20sec.) ...............260°C
Storage Temperature (Ts) ................ –65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VCC) .....................+2.375V to +2.625V
.....................................................+3.0V to +3.6V
Ambient Temperature (TA)....................–40°C to +85°C
Package Thermal Resistance
(3)
QFN (
θJA)
Still-Air......................................................35°C/W
500lfpm ....................................................28°C/W
QFN (
ψJB)
Junction-to-Board.....................................16°C/W
DC Electrical Characteristics
(4)
TA = –40°C to +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply Voltage
VCC = 2.5V
VCC = 3.3V
2.375
3.0
2.5
3.3
2.625
3.6
V
V
ICC
Power Supply Current
No load, max. VCC.
65
85
mA
RIN
Input Resistance
(IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN, /IN-to-VT)
90
100
110
VIH
Input High Voltage
(IN, /IN)
Note 5
VCC– 1.6
VCC
V
VIL
Input Low Voltage
(IN, /IN)
0
VIH– 0.1
V
VIN
Input Voltage Swing
(IN-to-/IN)
See Figure 1a.
0.1
1.7
V
VDIFF_IN
Differential Input Voltage Swing
|
IN - /IN |
See Figure 1b.
0.2
V
VT_IN
Maximum Input Voltage
(IN-to-VT)
1.28
V
VREF-AC
Output Reference Voltage
VCC– 1.3
VCC– 1.2
VCC– 1.1
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings conditions
for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
θJA and ψJB
values are determined for a 4-layer board in still-air, unless otherwise stated.
4. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
5. VIH (min) not lower than 1.2V.


Similar Part No. - SY89855U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY89855UMG MICREL-SY89855UMG Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY89855UMGTR MICREL-SY89855UMGTR Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
More results

Similar Description - SY89855U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89854U MICREL-SY89854U_10 Datasheet
520Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout
SY898533L MICREL-SY898533L Datasheet
484Kb / 11P
   Precision Differential 3.3V Low Skew LVPECL 1:4 Fanout Buffer
SY89855U MICREL-SY89855U Datasheet
578Kb / 13P
   Precision Low Power Differential LVPECL 4:1 MUX with 1:2 Fanout and Internal Termination
SY89858U MICREL-SY89858U_10 Datasheet
583Kb / 10P
   Precision Low Power 1:8 LVPECL
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY58029U_0708 MICREL-SY58029U_0708 Datasheet
206Kb / 11P
   ULTRA PRECISION DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
SY898531L MICREL-SY898531L Datasheet
438Kb / 12P
   Precision Differential 3.3V Low Skew LVPECL 1:9 Fanout Buffer
SY898535L MICREL-SY898535L Datasheet
267Kb / 7P
   Precision Differential 3.3V, Low Skew, 1:4 LVCMOS/LVTTL -to-LVPECL Fanout Buffer
SY89852U MICREL-SY89852U_10 Datasheet
514Kb / 13P
   Precision Low Power Differential 2:1
SY58030U_0708 MICREL-SY58030U_0708 Datasheet
123Kb / 11P
   ULTRA PRECISION, 400mV DIFFERENTIAL LVPECL 4:1 MUX with 1:2 FANOUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com