Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89856U Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89856U
Description  2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89856U Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89856U Datasheet HTML 3Page - Micrel Semiconductor SY89856U Datasheet HTML 4Page - Micrel Semiconductor SY89856U Datasheet HTML 5Page - Micrel Semiconductor SY89856U Datasheet HTML 6Page - Micrel Semiconductor SY89856U Datasheet HTML 7Page - Micrel Semiconductor SY89856U Datasheet HTML 8Page - Micrel Semiconductor SY89856U Datasheet HTML 9Page - Micrel Semiconductor SY89856U Datasheet HTML 10Page - Micrel Semiconductor SY89856U Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
SY89856U
August 2007
10
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
LVPECL Output Interface Applications
LVPECL has a high input impedance and a very low
output impedance (open emitter), and a small signal
swing which results in low EMI. LVPECL is ideal for
driving
50
Ω
and
100
Ω-controlled
impedance
transmission lines. There are several techniques for
terminating the LVPECL output: Parallel Termination-
Thevenin Equivalent, Parallel Termination (3-resistor),
and AC-coupled Termination. Unused output pairs
may be left floating. However, single-ended outputs
must be terminated, or balanced.
R2
82
R2
82
ZO = 50
ZO = 50
+3.3V
+3.3V
R1
130
R1
130
+3.3V
Notes:
1. For 2.5V systems, R1 = 250
Ω, R2 = 62.5Ω.
Figure 4a. Parallel Termination-Thevenin Equivalent
Z
Z
+3.3V
+3.3V
destination
source
Rb C1
0.01µF
(optional)
VCC
Notes:
2. Power-saving alternative to Thevenin termination.
3. Place termination resistors as close to destination inputs
as possible.
4. Rb resistor sets the DC bias voltage, equal to VT.
5. For 2.5V systems, Rb = 19Ω.
Figure 4b. Parallel Termination (3-Resistors)
Related Documentation
Part Number
Function
Data Sheet Link
SY58035U
4.5GHz, 1:6 LVPECL Fanout Buffer with
2:1 MUX Input and Internal Termination
www.micrel.com/product-info/products/sy58035u.html
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml


Similar Part No. - SY89856U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89856UMG MICREL-SY89856UMG Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
SY89856UMGTR MICREL-SY89856UMGTR Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
More results

Similar Description - SY89856U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U Datasheet
366Kb / 11P
   2GHz, Low-Power, 1:6 LVPECL Fanout Buffer with 2:1 Input MUX and Internal Termination
logo
Diodes Incorporated
PI6C5912006 DIODES-PI6C5912006 Datasheet
1Mb / 12P
   6 Output LVPECL Fanout Buffer
logo
Integrated Device Techn...
8538-31 IDT-8538-31 Datasheet
226Kb / 14P
   LVPECL Fanout Buffer
logo
Renesas Technology Corp
IDT8T53S111I RENESAS-IDT8T53S111I Datasheet
841Kb / 19P
   1:10 LVPECL Output Fanout Buffer
2019
logo
Integrated Device Techn...
853S024 IDT-853S024_11 Datasheet
900Kb / 19P
   LVPECL Fanout Buffer
ICS8535-31 IDT-ICS8535-31 Datasheet
272Kb / 15P
   LVPECL FANOUT BUFFER
ICS85314I-11 IDT-ICS85314I-11 Datasheet
459Kb / 21P
   LVPECL Fanout Buffer
ICS8535I-31 IDT-ICS8535I-31_10 Datasheet
847Kb / 15P
   LVPECL Fanout Buffer
ICS8535-01 IDT-ICS8535-01 Datasheet
424Kb / 18P
   LVPECL Fanout Buffer
logo
ON Semiconductor
NB7L14 ONSEMI-NB7L14_15 Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com