Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89858U Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89858U
Description  Precision Low Power 1:8 LVPECL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89858U Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89858U_10 Datasheet HTML 1Page - Micrel Semiconductor SY89858U_10 Datasheet HTML 2Page - Micrel Semiconductor SY89858U_10 Datasheet HTML 3Page - Micrel Semiconductor SY89858U_10 Datasheet HTML 4Page - Micrel Semiconductor SY89858U_10 Datasheet HTML 5Page - Micrel Semiconductor SY89858U_10 Datasheet HTML 6Page - Micrel Semiconductor SY89858U_10 Datasheet HTML 7Page - Micrel Semiconductor SY89858U_10 Datasheet HTML 8Page - Micrel Semiconductor SY89858U_10 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
SY89858U
August 2007
M9999-082907-C
hbwhelp@micrel.com or (408) 955-1690
4
Absolute Maximum Ratings
(1)
Supply Voltage (VCC) ..........................–0.5V to +4.0V
Input Voltage (VIN) ..................................–0.5V to VCC
Termination Current
Source or sink current on VT .................. ±100mA
Reference Current
(3)
Source or sink current on VREF-AC............ ±1.5mA
LVPECL Output Current (IOUT)
Continuous ................................................. 50mA
Surge........................................................ 100mA
Lead Temperature (soldering, 20 sec.) ..........+260°C
Storage Temperature (Ts)..................–65°C to 150°C
Operating Ratings
(2)
Supply Voltage (VCC).................. +2.375V to +2.625V
......................................................+3.0V to +3.6V
Ambient Temperature (TA)................ –40°C to +85°C
Package Thermal Resistance
(4)
QFN (
θ
JA)
Still-Air ..................................................... 35°C/W
QFN (
ψ
JB)
Junction-to-Board .................................... 20°C/W
DC Electrical Characteristics
(5)
TA = –40°C to +85°C, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
2.375
2.5
2.625
V
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max. VCC
95
150
mA
RIN
Input Resistance
(IN-to-VT)
45
50
55
RDIFF_IN
Differential Input Resistance
(IN-to-/IN)
90
100
110
VIH
Input High Voltage
(IN, /IN)
Note 6
VCC –1.6
VCC
V
VIL
Input Low Voltage
(IN, /IN)
0
VIH–0.1
V
VIN
Input Voltage Swing
(IN, /IN)
See Figure 1a.
0.1
1.7
V
VDIFF_IN
Differential Input Voltage Swing
|IN-/IN|
See Figure 1b.
0.2
V
VT_IN
IN-to-VT
(IN, /IN)
1.28
V
VREF-AC
Output Reference Voltage
VCC–1.3V
VCC–1.2V
VCC–1.1V
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is
not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability use for input of the same package only.
4. Package Thermal Resistance assumes exposed pad is soldered (or equivalent) to the devices most negative potential on the PCB.
θ
JA and
ψ
JB values are determined for a 4-layer board in still air, unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. VIH (min) not lower than 1.2V.


Similar Part No. - SY89858U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89858UMG MICREL-SY89858UMG Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89858UMG MICREL-SY89858UMG Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY89858UMGTR MICREL-SY89858UMGTR Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89858UMGTR MICREL-SY89858UMGTR Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
More results

Similar Description - SY89858U_10

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89854U MICREL-SY89854U_10 Datasheet
520Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout
SY89855U MICREL-SY89855U_10 Datasheet
565Kb / 13P
   Precision Low Power Differential LVPECL 4:1
SY89858U MICREL-SY89858U Datasheet
956Kb / 10P
   PRECISION LOW POWER 1:8 LVPECL FANOUT BUFFER WITH INTERNAL TERMINATION
SY89858U MICREL-SY89858U_07 Datasheet
510Kb / 10P
   Precision Low Power 1:8 LVPECL Fanout Buffer with Internal Termination
SY89853U MICREL-SY89853U_10 Datasheet
577Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX
SY89202U MICREL-SY89202U_10 Datasheet
625Kb / 13P
   Precision 1:8 LVPECL Fanout Buffer with
SY89850U MICREL-SY89850U_10 Datasheet
526Kb / 10P
   Precision Low-Power LVPECL Line
SY89859U MICREL-SY89859U Datasheet
540Kb / 13P
   Precision Low-Power 8:1 MUX with Internal Termination and 1:2 LVPECL Fanout Buffer
SY89852U MICREL-SY89852U Datasheet
546Kb / 13P
   Precision Low Power Differential 2:1 LVPECL MUX with Internal Termination
SY89853U MICREL-SY89853U Datasheet
578Kb / 13P
   Precision Low-Power Dual 2:1 LVPECL MUX with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com