Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89876LMGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89876LMGTR
Description  3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89876LMGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89876LMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89876LMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89876LMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89876LMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89876LMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89876LMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89876LMGTR Datasheet HTML 7Page - Micrel Semiconductor SY89876LMGTR Datasheet HTML 8Page - Micrel Semiconductor SY89876LMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Precision Edge®
SY89876L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.3V ±10%; TA = –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
V
IL
Input LOW Voltage
0.8
V
I
IH
Input HIGH Current
–125
20
µA
I
IL
Input LOW Current
–300
µA
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 2.
Specification for packaged product only.
LVTTL/CMOS DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)
V
CC = 3.3V ±10%; RL = 100ý across the outputs; TA = –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Output Voltage Swing
Note 3, 4
250
350
400
mV
V
OH
Output High Voltage
Note 3
1.475
V
V
OL
Output Low Voltage
Note 3
0.925
V
V
OCM
Output Common Mode Voltage
Note 4
1.125
1.375
V
∆V
OCM
Change in Common Mode Voltage
–50
50
mV
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 2.
Specification for packaged product only.
Note 3.
Measured as per Figure 3a, 100ý across Q and /Q outputs.
Note 4.
Measured as per Figure 3b.
LVDS DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)


Similar Part No. - SY89876LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89876LMGTR MICREL-SY89876LMGTR Datasheet
109Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
More results

Similar Description - SY89876LMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89873L_0708 MICREL-SY89873L_0708 Datasheet
111Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
   3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
   3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
logo
Micrel Semiconductor
SY89327L MICREL-SY89327L_07 Datasheet
85Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY89327L MICREL-SY89327L Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
   2.5V, 2GHz ANY DIFF. IN-TO-LVDS
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U_07 Datasheet
161Kb / 10P
   2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com