Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY898530UTZTR Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY898530UTZTR
Description  500MHz 1:16 3.3V-to-2.5/3.3V LVPECL
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY898530UTZTR Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY898530UTZTR Datasheet HTML 4Page - Micrel Semiconductor SY898530UTZTR Datasheet HTML 5Page - Micrel Semiconductor SY898530UTZTR Datasheet HTML 6Page - Micrel Semiconductor SY898530UTZTR Datasheet HTML 7Page - Micrel Semiconductor SY898530UTZTR Datasheet HTML 8Page - Micrel Semiconductor SY898530UTZTR Datasheet HTML 9Page - Micrel Semiconductor SY898530UTZTR Datasheet HTML 10Page - Micrel Semiconductor SY898530UTZTR Datasheet HTML 11Page - Micrel Semiconductor SY898530UTZTR Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
SY898530U
November 2011
10
M9999-111011-C
hbwhelp@micrel.com or (408) 955-1690
Output Interface Applications
Figure 1. Parallel Termination-Thevenin Equivalent
Notes:
1. For +2.5V systems: R1 = 250Ω, R2 = 82.5Ω.
Figure 2. Three-Resistor “Y-Termination”
Notes:
1. Power-saving alternatives to Thevenin termination.
2. Place termination resistors as close to destination inputs as possible.
3. For +2.5V systems, Rb = 19Ω. Rb resistor sets the DC bias voltage, equal to Vt.
Figure 3. Terminating Unused I/O
Notes:
1. Unused output (/Q) must be terminated to balance the output.
2. For 2.5V systems: R1 = 250Ω, R2 = 62.5Ω, R3 = 1.25kΩ, R4 = 1.2kΩ.


Similar Part No. - SY898530UTZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY898530UTZTR MICREL-SY898530UTZTR Datasheet
437Kb / 11P
   500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
More results

Similar Description - SY898530UTZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY898530U MICREL-SY898530U Datasheet
437Kb / 11P
   500MHz 1:16 3.3V-to-2.5V LVPECL Fanout Buffer
SY89531L MICREL-SY89531L_08 Datasheet
111Kb / 16P
   3.3V, PRECISION, 33MHz to 500MHz PROGRAMMABLE LVPECL AND
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS8430-62 IDT-ICS8430-62 Datasheet
832Kb / 23P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430I-61 RENESAS-8430I-61 Datasheet
501Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequeny Synthesizer
10/15/15
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
8530I-01 RENESAS-8530I-01 Datasheet
591Kb / 19P
   Low Skew, 1-to-16 Differential-to-3.3V LVPECL Fanout Buffer
December 1, 2015
logo
Integrated Circuit Syst...
ICS8530-01 ICST-ICS8530-01 Datasheet
125Kb / 12P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
ICS8530I-01 ICST-ICS8530I-01 Datasheet
267Kb / 17P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com