Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQA0004LXAQS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RQA0004LXAQS
Description  Silicon N-Channel MOS FET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQA0004LXAQS Datasheet(HTML) 3 Page - Renesas Technology Corp

  RQA0004LXAQS_11 Datasheet HTML 1Page - Renesas Technology Corp RQA0004LXAQS_11 Datasheet HTML 2Page - Renesas Technology Corp RQA0004LXAQS_11 Datasheet HTML 3Page - Renesas Technology Corp RQA0004LXAQS_11 Datasheet HTML 4Page - Renesas Technology Corp RQA0004LXAQS_11 Datasheet HTML 5Page - Renesas Technology Corp RQA0004LXAQS_11 Datasheet HTML 6Page - Renesas Technology Corp RQA0004LXAQS_11 Datasheet HTML 7Page - Renesas Technology Corp RQA0004LXAQS_11 Datasheet HTML 8Page - Renesas Technology Corp RQA0004LXAQS_11 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RQA0004LXAQS
Preliminary
R07DS0496EJ0200 Rev.2.00
Page 3 of 14
Jun 30, 2011
0
2
4
6
8
10
12
VDS = 0
f = 1 MHz
-5 -4 -3 -2 -1
0
5
4
3
2
1
1000
1500
2000
0
5
10
15
20
30
MSG
|S21|2
500
VDS = 6 V
ID = 50 mA
25
110
0.1
0.1
10
1
VGS = 0
f = 1 MHz
0.1
10
110
0.1
1
VGS = 0
f = 1 MHz
Gate to Source Voltage VGS (V)
Input Capacitance vs.
Gate to Source Voltage
Drain to Gate Voltage VDG (V)
Reverse Transfer Capacitance vs.
Drain to Gate Voltage
Output Capacitance vs.
Drain to Source Voltage
Maximum Stable Gain,|S21|
2
vs. Frequency
Frequency f (MHz)
Drain to Source Voltage VDS (V)
0
0.5
1.0
1.5
2.0
0.2
0.3
0.4
0.5
0.1
VDS = 6 V
Pulse Test
ID
VDS = 6 V
Pulse Test
0.01
0.1
1
0.1
1
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Drain Current ID (A)
Forward Transfer Admittance
vs. Drain Current
|yfs|


Similar Part No. - RQA0004LXAQS_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQA0004LXAQS RENESAS-RQA0004LXAQS Datasheet
163Kb / 13P
   Silicon N-Channel MOS FET
More results

Similar Description - RQA0004LXAQS_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com