Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJU6054TDPP-EJ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJU6054TDPP-EJ
Description  Single Diode Ultra Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJU6054TDPP-EJ Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJU6054TDPP-EJ Datasheet HTML 1Page - Renesas Technology Corp RJU6054TDPP-EJ Datasheet HTML 2Page - Renesas Technology Corp RJU6054TDPP-EJ Datasheet HTML 3Page - Renesas Technology Corp RJU6054TDPP-EJ Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJU6054TDPP-EJ
Preliminary
R07DS0386EJ0100 Rev.1.00
Page 2 of 3
Apr 26, 2011
Main Characteristics
0
40
80
20
60
100
40
80120
160200
0
0.1
1
10
100
1000
di/dt (A/
μs)
Reverse Recovery Time vs. di/dt (Typical)
Reverse Voltage VR (V)
Forward Voltage VF (V)
Forward Current vs. Forward Voltage (Typical)
0
0.5
1.01.5
2.02.5
3.0
Ta = 150
°C
25
°C
Capacitance vs. Reverse Voltage (Typical)
1
10
1000
100
0.1
1
10
100
10
1
0.01
0.1
10 m100 m10
1100
Pulse Width PW (s)
Thermal Impedance vs. Pulse Width
100
μ 1 m
Tc = 25
°C
Single pulse
IF = 30 A
Ta = 25
°C
f = 1 MHz
Ta = 25
°C


Similar Part No. - RJU6054TDPP-EJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU6054TDPP-EJ RENESAS-RJU6054TDPP-EJ Datasheet
78Kb / 4P
   600V - 30A - Single Diode Ultra Fast Recovery Diode
RJU6054TDPP-EJT2 RENESAS-RJU6054TDPP-EJT2 Datasheet
78Kb / 4P
   600V - 30A - Single Diode Ultra Fast Recovery Diode
RJU6054TDPP-EJ RENESAS-RJU6054TDPP-EJ_13 Datasheet
78Kb / 4P
   600V - 30A - Single Diode Ultra Fast Recovery Diode
RJU6054TDPP-EJ RENESAS-RJU6054TDPP-EJ_15 Datasheet
78Kb / 4P
   600V - 30A - Single Diode Ultra Fast Recovery Diode
More results

Similar Description - RJU6054TDPP-EJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ Datasheet
87Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6053TDPP-EJ RENESAS-RJU6053TDPP-EJ_15 Datasheet
87Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ_15 Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ_15 Datasheet
87Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6052SDPE RENESAS-RJU6052SDPE_15 Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE_15 Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6052SDPD RENESAS-RJU6052SDPD Datasheet
80Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6054SDPE RENESAS-RJU6054SDPE Datasheet
81Kb / 4P
   Single Diode Ultra Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com