Electronic Components Datasheet Search |
|
MCM6226BBXJ15 Datasheet(PDF) 2 Page - Motorola, Inc |
|
MCM6226BBXJ15 Datasheet(HTML) 2 Page - Motorola, Inc |
2 / 8 page MCM6226BB 2 MOTOROLA FAST SRAM TRUTH TABLE E1 E2 G W Mode I/O Pin Cycle Current H X X X Not Selected High–Z — ISB1, ISB2 X L X X Not Selected High–Z — ISB1, ISB2 L H H H Output Disabled High–Z — ICCA L H L H Read Dout Read ICCA L H X L Write Din Write ICCA H = High, L = Low, X = Don’t Care ABSOLUTE MAXIMUM RATINGS (See Note) Rating Symbol Value Unit Power Supply Voltage Relative to VSS VCC – 0.5 to 7.0 V Voltage Relative to VSS for Any Pin Except VCC Vin, Vout – 0.5 to VCC + 0.5 V Output Current (per I/O) Iout ± 20 mA Power Dissipation PD 1.0 W Temperature Under Bias Tbias – 10 to + 85 °C Operating Temperature TA 0 to + 70 °C Storage Temperature Tstg – 55 to + 150 °C NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to RECOMMENDED OPER- ATING CONDITIONS. Exposure to higher than recommended voltages for extended periods of time could affect device reliability. DC OPERATING CONDITIONS AND CHARACTERISTICS (VCC = 5.0 V ± 10%, TA = 0 to 70°C, Unless Otherwise Noted) RECOMMENDED OPERATING CONDITIONS Parameter Symbol Min Max Unit Supply Voltage (Operating Voltage Range) VCC 4.5 5.5 V Input High Voltage VIH 2.2 VCC + 0.3** V Input Low Voltage VIL – 0.5* 0.8 V *VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 20 ns). ** VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2 V ac (pulse width ≤ 20 ns). DC CHARACTERISTICS AND SUPPLY CURRENTS Parameter Symbol Min Max Unit Input Leakage Current (All Inputs, Vin = 0 to VCC) Ilkg(I) — ± 1 µA Output Leakage Current (E* = VIH, Vout = 0 to VCC) Ilkg(O) — ± 1 µA AC Active Supply Current (Iout = 0 mA, all inputs = MCM6226BB–15: tAVAV = 15 ns VIL or VIH, VIL = 0, VIH ≥ 3 V, cycle time ≥ tAVAV min, MCM6226BB–17: tAVAV = 17 ns VCC = max) MCM6226BB–20: tAVAV = 20 ns MCM6226BB–25: tAVAV = 25 ns MCM6226BB–35: tAVAV = 35 ns ICCA — — — — — 195 180 165 150 130 mA AC Standby Current (VCC = max, E* = VIH, f = fmax) MCM6226BB–15: tAVAV = 15 ns MCM6226BB–17: tAVAV = 17 ns MCM6226BB–20: tAVAV = 20 ns MCM6226BB–25: tAVAV = 25 ns MCM6226BB–35: tAVAV = 35 ns ISB1 — — — — — 45 40 35 30 25 mA CMOS Standby Current (E* ≥ VCC – 0.2 V, Vin ≤ VSS + 0.2 V or ≥ VCC – 0.2 V, VCC = max, f = 0 MHz) ISB2 — 5 mA Output Low Voltage (IOL = + 8.0 mA) VOL — 0.4 V Output High Voltage (IOH = – 4.0 mA) VOH 2.4 — V *E1 and E2 are represented by E in this data sheet. E2 is of opposite polarity to E1. This device contains circuitry to protect the inputs against damage due to high static volt- ages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maxi- mum rated voltages to these high–impedance circuits. This CMOS memory circuit has been de- signed to meet the dc and ac specifications shown in the tables, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow of at least 500 linear feet per minute is maintained. |
Similar Part No. - MCM6226BBXJ15 |
|
Similar Description - MCM6226BBXJ15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |