Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM6206BBEJ15R Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM6206BBEJ15R
Description  32K x 8 Bit Fast Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6206BBEJ15R Datasheet(HTML) 1 Page - Motorola, Inc

  MCM6206BBEJ15R Datasheet HTML 1Page - Motorola, Inc MCM6206BBEJ15R Datasheet HTML 2Page - Motorola, Inc MCM6206BBEJ15R Datasheet HTML 3Page - Motorola, Inc MCM6206BBEJ15R Datasheet HTML 4Page - Motorola, Inc MCM6206BBEJ15R Datasheet HTML 5Page - Motorola, Inc MCM6206BBEJ15R Datasheet HTML 6Page - Motorola, Inc MCM6206BBEJ15R Datasheet HTML 7Page - Motorola, Inc MCM6206BBEJ15R Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MCM6206BB
1
MOTOROLA FAST SRAM
Product Preview
32K x 8 Bit Fast Static RAM
The MCM6206BB is a 262,144 bit static random access memory organized as
32,768 words of 8 bits. Static design eliminates the need for external clocks or
timing strobes, while CMOS circuitry reduces power consumption and provides
for greater reliability.
This device meets JEDEC standards for functionality and pinout, and is avail-
able in plastic small–outline J–leaded packages.
• Single 5 V ± 10% Power Supply
• Fully Static — No Clock or Timing Strobes Necessary
• Fast Access Times: 12/15/20/25 ns
• Equal Address and Chip Enable Access Times
• Output Enable (G) Feature for Increased System Flexibility and to
Eliminate Bus Contention Problems
• Low Power Operation: 125 – 140 mA Maximum AC
• Fully TTL Compatible — Three State Output
BLOCK DIAGRAM
AAAAAA
A
A
A
A
A
A
A
A
MEMORY MATRIX
ROW
DECODER
INPUT
DATA
CONTROL
COLUMN I/O
COLUMN DECODER
E
DQ
DQ
W
G
..
.
VCC
VSS
A
CIRCUIT
CONTROL
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MCM6206BB/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
PIN ASSIGNMENT
MCM6206BB
SS
A
A
A
A
A
A
A
A
A
V
V
A
A
A
CC
A
DQ
DQ
A
A
DQ
DQ
DQ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DQ
DQ
DQ
G
E
W
A
Address Input
. . . . . . . . . . . . . . . . . . . .
DQ
Data Input/Data Output
. . . . . . . . . .
W
Write Enable
. . . . . . . . . . . . . . . . . . . .
G
Output Enable
. . . . . . . . . . . . . . . . . . .
E
Chip Enable
. . . . . . . . . . . . . . . . . . . . . .
VCC
Power Supply (+ 5 V)
. . . . . . . . . . .
VSS
Ground
. . . . . . . . . . . . . . . . . . . . . . .
J PACKAGE
300 MIL SOJ
CASE
810B–03
PIN NAMES
6/4/97
© Motorola, Inc. 1997


Similar Part No. - MCM6206BBEJ15R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
More results

Similar Description - MCM6206BBEJ15R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6206BA MOTOROLA-MCM6206BA Datasheet
112Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6206C MOTOROLA-MCM6206C Datasheet
502Kb / 6P
   32K x 8 Bit Fast Static RAM
MCM6206D MOTOROLA-MCM6206D Datasheet
162Kb / 8P
   32K x 8 Bit Fast Static RAM
MCM6205D MOTOROLA-MCM6205D Datasheet
143Kb / 8P
   32K x 9 Bit Fast Static RAM
logo
List of Unclassifed Man...
PDM41256 ETC-PDM41256 Datasheet
73Kb / 8P
   256K Static RAM 32K x 8-Bit
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com